Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC307C1484P Datasheet (PDF) - Vishay Siliconix

PTC307C1484P Datasheet PDF - Vishay Siliconix
Part # PTC307C1484P
Download  PTC307C1484P Download
File Size   84.51 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PTC Thermistors Motor Start Pellets

PTC307C1484P Datasheet (PDF)

Go To PDF Page Download Datasheet
PTC307C1484P Datasheet PDF - Vishay Siliconix

Part # PTC307C1484P
Download  PTC307C1484P Click to download

File Size   84.51 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PTC Thermistors Motor Start Pellets

PTC307C1484P Datasheet (HTML) - Vishay Siliconix


PTC307C1484P Product details

FEATURES
• Rugged silver electrodes well suited for long life
OEM pressure contact mounting
• Various pellet sizes for optimum inrush current
and switching time
• Withstanding voltage is 2 times the maximum voltage
rating
• UL approved pellets
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Single Phase motorstart assist in
• Refrigerator systems
• Airconditioning systems
• Heat-pumps
• Small compressors
• Inrush current generation

DESCRIPTION
These directly heated thermistors have a positive
temperature coefficient and are primarily intended for inrush
current generation. They consist of a high grade ceramic
disk with two rugged pattern silver electrodes for contact
pressure mounting. These ceramic pellets can be build into
proprietary motor start devices for compressor, refrigerator
and HVAC OEMs.

MOUNTING
The PTC thermistor pellets are suitable for pressure contact
mounting in application specific housing assemblies.
Examples of such assemblies can be found in the PTC305C
series. Assembly housing must be appropriate for usage up
to 180 °C surface temperature of the PTC pellets.
The pellets are not solderable.

MARKING
The pellets are not marked. Marking is available on request
for customized parts.

SAFETY AGENCY RECOGNITION
Vishay Cera-Mite motor start PTC pellet thermistors are
recognized by Underwriter Laboratories file E148885 in
accordance with Standard for Thermistor Type Devices
UL 1434; and Canadian Standards C22.2 No. 0-1991.




Similar Part No. - PTC307C1484P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTC307C1484P VISHAY-PTC307C1484P Datasheet
428Kb / 3P
Thermistors Motor Start Pellets
11-Aug-10
More results


Similar Description - PTC307C1484P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1674 VISHAY-307C1674 Datasheet
271Kb / 1P
PTCR Motor Start Pellets
14-May-02
logo
EPCOS
B59506A0120A020 EPCOS-B59506A0120A020_09 Datasheet
195Kb / 9P
PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020 Datasheet
191Kb / 8P
PTC thermistors for motor starting
B59506A0120A020 EPCOS-B59506A0120A020_12 Datasheet
58Kb / 9P
PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020_12 Datasheet
185Kb / 8P
PTC thermistors for motor starting
logo
Murata Manufacturing Co...
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
PTFL04BG471Q2N34B0 MURATA-PTFL04BG471Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
logo
Vishay Siliconix
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
Thermistors Motor Start Packages
11-Sep-15
PTC307C VISHAY-PTC307C Datasheet
428Kb / 3P
Thermistors Motor Start Pellets
11-Aug-10
PTC305C VISHAY-PTC305C_V01 Datasheet
168Kb / 8P
PTC Thermistors Motor Start Packages
11-Sep-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com