Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCCL05H150HTE Datasheet (PDF) - Vishay Siliconix

PTCCL05H150HTE Datasheet PDF - Vishay Siliconix
Part # PTCCL05H150HTE
Download  PTCCL05H150HTE Download
File Size   133.22 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 265 V PTC Thermistors for Overload Protection

PTCCL05H150HTE Datasheet (PDF)

Go To PDF Page Download Datasheet
PTCCL05H150HTE Datasheet PDF - Vishay Siliconix

Part # PTCCL05H150HTE
Download  PTCCL05H150HTE Click to download

File Size   133.22 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 265 V PTC Thermistors for Overload Protection

PTCCL05H150HTE Datasheet (HTML) - Vishay Siliconix


PTCCL05H150HTE Product details

FEATURES
• Wide range of trip and non-trip currents:
From 11 mA up to 800 mA
• Small ratio between trip and non-trip currents
(It/Int = 1.5 at 25 °C)
• High maximum inrush current (up to 5.5 A)
• Leaded parts withstand mechanical stresses
and vibration
• UL file E148885 according to XGPU standard UL1434
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
Overload (current, voltage, temperature) protection in:
• Industrial electronics
• Consumer electronics
• Electronic data processing

DESCRIPTION
These directly heated ceramic-based thermistors have a
positive temperature coefficient and are primarily intended
for overload protection. They consist of a ceramic pellet
soldered between two tinned CCS wires and coated with a
UL 94 V-0 high temperature hard silicone lacquer.

MOUNTING
PTC thermistors can be mounted by wave, reflow, or
hand-soldering. Current levels have been determined
according IEC 60738 conditions. Different ways of
mounting or connecting the thermistors can influence their
thermal and electrical behavior. Standard operation is in still
air, any potting or encapsulation of PTC thermistors is not
recommended and will change its operating characteristics.
Typical Soldering
235 °C; duration: 5 s (Lead (Pb)-bearing)
245 °C, duration: 5 s (Lead (Pb)-free)
Resistance to Soldering Heat
260 °C, duration: 10 s max.

MARKING
Only the gray lacquered thermistors with a diameter of
8.5 mm to 20.5 mm are marked with BC, R25 value (example
1R9) on one side and Int, Vmax. on the other side.




Similar Part No. - PTCCL05H150HTE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H150HTE VISHAY-PTCCL05H150HTE Datasheet
135Kb / 6P
265 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL05H150HTE VISHAY-PTCCL05H150HTE Datasheet
135Kb / 6P
265 V PTC Thermistors for Overload Protection
21-Sep-15
More results


Similar Description - PTCCL05H150HTE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
265 V PTC Thermistors For Overload Protection
18-Aug-09
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
265 V PTC Thermistors For Overload Protection
18-Aug-09
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
145 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
265 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
145 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
265 V PTC Thermistors for Overload Protection
21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
PTC Thermistors, Overload Protection for Telecommunication
13-Nov-15
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
145 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
600 V / 1000 V PTC Thermistors for Overload Protection
02-Mar-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com