Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC115L Datasheet (PDF) - Vishay Siliconix

REC115L Datasheet PDF - Vishay Siliconix
Part # REC115L
Download  REC115L Download
File Size   115.29 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Linear Transducers, Conductive Plastic, up to 1000 mms

REC115L Datasheet (PDF)

Go To PDF Page Download Datasheet
REC115L Datasheet PDF - Vishay Siliconix

Part # REC115L
Download  REC115L Click to download

File Size   115.29 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Linear Transducers, Conductive Plastic, up to 1000 mms

REC115L Datasheet (HTML) - Vishay Siliconix


REC115L Product details

FEATURES
• Measurement range 25 mm to 1000 mm
• High accuracy ± 1 % down to ± 0.025 %
• Excellent repeatability
• Essentially infinite resolution
• Non sensitive to temperature variations
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - REC115L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC115L23A103W VISHAY-REC115L23A103W Datasheet
87Kb / 2P
Precision Linear Transducers, Conductive Plastic (REC)
14-Dec-01
REC115L23A103W VISHAY-REC115L23A103W Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC115L23D103W VISHAY-REC115L23D103W Datasheet
87Kb / 2P
Precision Linear Transducers, Conductive Plastic (REC)
14-Dec-01
REC115L23D103W VISHAY-REC115L23D103W Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
More results


Similar Description - REC115L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC139L VISHAY-REC139L_V01 Datasheet
258Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mms
26-Mar-15
REC34L VISHAY-REC34L_V01 Datasheet
394Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC38L VISHAY-REC38L_V01 Datasheet
71Kb / 3P
Precision Linear Transducers, Conductive Plastic, Up to 150 mm
19-Mar-2021
REC50L VISHAY-REC50L_V01 Datasheet
86Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com