Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMHE Datasheet (PDF) - Vishay Siliconix

RMHE Datasheet PDF - Vishay Siliconix
Part # RMHE
Download  RMHE Download
File Size   393.99 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rotative Transducer Elements in Hall Effect Technology

RMHE Datasheet (PDF)

Go To PDF Page Download Datasheet
RMHE Datasheet PDF - Vishay Siliconix

Part # RMHE
Download  RMHE Click to download

File Size   393.99 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rotative Transducer Elements in Hall Effect Technology

RMHE Datasheet (HTML) - Vishay Siliconix


RMHE Product details

FEATURES
• Accurate linearity down to: ± 0.5 %
• All electrical angles available up to: 360°
(no dead band)
• Extremely long life: Greater than 100M cycles
• Non contacting technology: Hall effect
• Model dedicated to all applications in harsh environments
• Very reduced dimensions, fitting in small volumes
• Delivered as a kit; 2 elements: Track and wiper
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - RMHE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
RMHE41A184AGBG-120#AC0 RENESAS-RMHE41A184AGBG-120#AC0 Datasheet
644Kb / 52P
1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
RMHE41A184AGBG-150#AC0 RENESAS-RMHE41A184AGBG-150#AC0 Datasheet
644Kb / 52P
1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
RMHE41A364AGBG RENESAS-RMHE41A364AGBG Datasheet
644Kb / 52P
1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
RMHE41A364AGBG-120#AC0 RENESAS-RMHE41A364AGBG-120#AC0 Datasheet
644Kb / 52P
1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
More results


Similar Description - RMHE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITRMF VISHAY-KITRMF Datasheet
186Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
01-Feb-08
logo
Micronas
CUR3105 MICRONAS-CUR3105 Datasheet
257Kb / 2P
Hall-Effect Current Transducer
logo
Honeywell Solid State E...
SS94A2 HONEYWELL-SS94A2 Datasheet
62Kb / 1P
LINEAR OUTPUT HALL EFFECT TRANSDUCER
SS94B1A HONEYWELL-SS94B1A Datasheet
59Kb / 1P
LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
List of Unclassifed Man...
SS94A1B ETC2-SS94A1B Datasheet
57Kb / 1P
LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
Vishay Siliconix
RMHE VISHAY-RMHE_15 Datasheet
385Kb / 5P
Rotative Transducer Elements in Hall Effect Technology
27-Mar-15
logo
TT Electronics.
6120 TTELEC-6120 Datasheet
763Kb / 3P
Hall-effect technology
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
Linear Position Sensor in Hall Effect Technology
27-Mar-15
KITRMF VISHAY-KITRMF_15 Datasheet
205Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
26-Mar-15
KITRMF VISHAY-KITRMF_V01 Datasheet
202Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
26-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com