Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROTSF Datasheet (PDF) - Vishay Siliconix

ROTSF Datasheet PDF - Vishay Siliconix
Part # ROTSF
Download  ROTSF Download
File Size   303.37 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Rotative Transducers, Conductive Plastic, Servo Mounting

ROTSF Datasheet (PDF)

Go To PDF Page Download Datasheet
ROTSF Datasheet PDF - Vishay Siliconix

Part # ROTSF
Download  ROTSF Click to download

File Size   303.37 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Rotative Transducers, Conductive Plastic, Servo Mounting

ROTSF Datasheet (HTML) - Vishay Siliconix


ROTSF Product details

FEATURES
• Size 08 to 30
• Linearity ± 1 % down to ± 0.015 %
• Excellent repeatability
• Long life
• Essentially infinite resolution
• Up to 6 electrical functions with the same shaft
• On request custom design to meet your specifications
• Following MIL-R-39023 and NFC 93-255 requirements
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - ROTSF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT116BFZ1B502E1 VISHAY-ROT116BFZ1B502E1 Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
ROT116SFZ1A502E1 VISHAY-ROT116SFZ1A502E1 Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
ROT116SFZ1A502E1 VISHAY-ROT116SFZ1A502E1 Datasheet
254Kb / 3P
Precision Rotative Transducers 360°S Special Laws: Sine/Cosine
26-Mar-15
ROT116SFZ1B502E1 VISHAY-ROT116SFZ1B502E1 Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
22-Mar-07
More results


Similar Description - ROTSF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
22-Mar-07
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
22-Mar-07
ECO VISHAY-ECO Datasheet
566Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
07-Sep-07
ECS VISHAY-ECS Datasheet
319Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
24-May-07
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
26-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com