Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFPT Datasheet (PDF) - Vishay Siliconix

TFPT Datasheet PDF - Vishay Siliconix
Part # TFPT_V01
Download  TFPT Download
File Size   118.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD PTC - Nickel Thin Film Linear Thermistors

TFPT Datasheet (PDF)

Go To PDF Page Download Datasheet
TFPT Datasheet PDF - Vishay Siliconix

Part # TFPT_V01
Download  TFPT Click to download

File Size   118.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD PTC - Nickel Thin Film Linear Thermistors

TFPT Datasheet (HTML) - Vishay Siliconix


TFPT Product details

FEATURES
• Alumina substrate base with nickel based PTC
thin film element
• 0402, 0603, 0805, and 1206 sizes available
• Available in tape and reel packaging
• Standard R25 tolerances: ± 0.5 %, ± 1 %, ± 5 %
• Operation range -55 °C to +150 °C
• High stability over the entire temperature range
• cULus recognized, file E148885
(UL category XGPU2 / XGPU8)
• AEC-Q200 qualified (grade 1), except TFPT0402
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

APPLICATIONS
Temperature compensation and sensing in
• Automotive
• Motor drives
• Lighting LED drivers
• Test and measuring equipment
• Air-flow sensor




Similar Part No. - TFPT_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPT0402 VISHAY-TFPT0402 Datasheet
103Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
30-Aug-16
TFPT0603 VISHAY-TFPT0603 Datasheet
89Kb / 4P
Linear PTC Thermistors, Surface Mount Chip
25-Oct-06
TFPT0603 VISHAY-TFPT0603 Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPT0603 VISHAY-TFPT0603 Datasheet
103Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
30-Aug-16
TFPT0603L1002DF VISHAY-TFPT0603L1002DF Datasheet
89Kb / 4P
Linear PTC Thermistors, Surface Mount Chip
25-Oct-06
More results


Similar Description - TFPT_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPT VISHAY-TFPT Datasheet
89Kb / 4P
Linear PTC Thermistors, Surface Mount Chip
25-Oct-06
TFPTL10 VISHAY-TFPTL10 Datasheet
107Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
PTFT VISHAY-PTFT Datasheet
85Kb / 3P
Linear PTC Thermistors, Surface Mount Chip
04-Apr-05
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
Nickel thin film PTC element
25-Oct-11
logo
Murata Manufacturing Co...
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
logo
Vishay Siliconix
TFPT VISHAY-TFPT_17 Datasheet
103Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
30-Aug-16
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com