Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1026922 Datasheet (PDF) - PHOENIX CONTACT

1026922 Datasheet PDF - PHOENIX CONTACT
Part # 1026922
Download  1026922 Download
File Size   963.9 Kbytes
Page   33 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 4004T-8POE-4SFP

1026922 Datasheet (PDF)

Go To PDF Page Download Datasheet
1026922 Datasheet PDF - PHOENIX CONTACT

Part # 1026922
Download  1026922 Click to download

File Size   963.9 Kbytes
Page   33 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 4004T-8POE-4SFP

1026922 Datasheet (HTML) - PHOENIX CONTACT


1026922 Product details

Managed PoE Switches 4000, 4 RJ45 ports 10/100/1000 Mbps, 4 SFP ports 1000 Mbps, 8 RJ45
ports 10/100/1000 Mbps

Product Description
FL SWITCH 4000 managed industrial PoE Ethernet switches combine Gigabit interfaces with extensive network performance for the most
demanding applications. Security features with complete IEEE redundancy (STP/RSTP/MST) and 15 ms recovery time extended ring redundancy
optimize network uptime. Unique web customization provides a simplified user interface for today's applications and scalable functionality for future
needs. A comprehensive mix of 10/100/1000 Mbps RJ45, PoE functionality and Gigabit fiber optic connections combine performance with installed
cost savings.

Your advantages
• -40 °C to 75 °C ambient temperature
• Twelve 10/100/1000 Mbps RJ45 ports for device connections and four SFP-based fiber optic LC interfaces for network trunk lines.
• Redundant power supply
• Wide -40° ... +75°C temperature range
• VLANs
• DHCP client
• MSTP
• RSTP
• Web-based management, SNMP
• Secure web-based and SNMP-based management
• Extensive web diagnostics with configurable LED and remote alarm contacts
• Unique cleanup function hides unused configuration pages, reducing complexity, maintenance and startup times




Similar Part No. - 1026922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1026923 PHOENIX-1026923 Datasheet
940Kb / 30P
Industrial Ethernet Switch - FL SWITCH 4000T-8POE-2SFP
Dec 2, 2022
1026924 PHOENIX-1026924 Datasheet
153Kb / 14P
Industrial Ethernet Switch - FL SWITCH 4000T-4POE-SFP
09/12/2020
More results


Similar Description - 1026922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
Industrial Ethernet Switch - FL SWITCH 2308
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1026923 PHOENIX-1026923 Datasheet
940Kb / 30P
Industrial Ethernet Switch - FL SWITCH 4000T-8POE-2SFP
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
1196228 PHOENIX-1196228 Datasheet
229Kb / 7P
Industrial Ethernet Switch - FL SWITCH 1708
Dec 2, 2022
2702908 PHOENIX-2702908 Datasheet
668Kb / 18P
Industrial Ethernet Switch - FL SWITCH 2116
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com