Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1026937 Datasheet (PDF) - PHOENIX CONTACT

1026937 Datasheet PDF - PHOENIX CONTACT
Part # 1026937
Download  1026937 Download
File Size   478.4 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1001T-4POEGT

1026937 Datasheet (PDF)

Go To PDF Page Download Datasheet
1026937 Datasheet PDF - PHOENIX CONTACT

Part # 1026937
Download  1026937 Click to download

File Size   478.4 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1001T-4POEGT

1026937 Datasheet (HTML) - PHOENIX CONTACT


1026937 Product details

Unmanaged PoE Switches 1000, 1 RJ45 port 10/100/1000 Mbps, 4 RJ45 ports 10/100/1000 Mbps

Your advantages
• POE status LED per port
• Wide-range power supply of 18 ... 57 V DC
• Wide -40° ... +75°C temperature range
• Autocrossing
• Auto negotiation
• Redundant power supply
• Automatic detection of IEEE 802.3at or 802.3af powered devices




Similar Part No. - 1026937

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1026931 PHOENIX-1026931 Datasheet
385Kb / 9P
NBC-M12FS/20,0-971/R4AQ VR - Network cable
1026932 PHOENIX-1026932 Datasheet
909Kb / 30P
Industrial Ethernet Switch - FL SWITCH 1001T-4POEGT-SFP
Dec 2, 2022
More results


Similar Description - 1026937

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
Industrial Ethernet Switch - FL SWITCH 2308
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1102077 PHOENIX-1102077 Datasheet
457Kb / 16P
Industrial Ethernet Switch - FL SWITCH 1001-4POEGT
Dec 2, 2022
1026932 PHOENIX-1026932 Datasheet
909Kb / 30P
Industrial Ethernet Switch - FL SWITCH 1001T-4POEGT-SFP
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
1196228 PHOENIX-1196228 Datasheet
229Kb / 7P
Industrial Ethernet Switch - FL SWITCH 1708
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com