Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1234360 Datasheet (PDF) - PHOENIX CONTACT

1234360 Datasheet PDF - PHOENIX CONTACT
Part # 1234360
Download  1234360 Download
File Size   3081.71 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Router - CLOUD CLIENT 2002T-WLAN

1234360 Datasheet (PDF)

Go To PDF Page Download Datasheet
1234360 Datasheet PDF - PHOENIX CONTACT

Part # 1234360
Download  1234360 Click to download

File Size   3081.71 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Router - CLOUD CLIENT 2002T-WLAN

1234360 Datasheet (HTML) - PHOENIX CONTACT


1234360 Product details

Industrial VPN gateway for mGuard Secure Cloud, IPsec communication via WLAN client 802.
11a/b/g/n, 150 Mbps, 2.4 GHz + 5 GHz, 2-port switch, antenna connections: 2 RSMA WLAN,
4 DI, 2 DO

Your advantages
• Virtual dedicated line to connect networks via cellular network
• Configuration via web-based management or microSD card
• 2 local Ethernet connections
• Switchable energy-saving mode
• Integrated logbook
• Extended temperature range of -40 °C … +70 °C
• Four digital inputs
• 2 digital outputs




Similar Part No. - 1234360

ManufacturerPart #DatasheetDescription
logo
Heyco.
12343 HEYCO-12343 Datasheet
99Kb / 1P
Stainless Steel Cable Clamps
12343 HEYCO-12343 Datasheet
113Kb / 1P
SunClamp® Stainless Steel Cable Clamps
logo
PHOENIX CONTACT
1234301 PHOENIX-1234301 Datasheet
1Mb / 21P
PS-EE-2G/1AC/24DC/75W/SC - Power supply unit
1234302 PHOENIX-1234302 Datasheet
1Mb / 21P
PS-EE-2G/1AC/24DC/120W/SC - Power supply unit
1234304 PHOENIX-1234304 Datasheet
1Mb / 21P
PS-EE-2G/1AC/24DC/240W/SC - Power supply unit
More results


Similar Description - 1234360

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
TL-WR843N TP-LINK-TL-WR843N Datasheet
1Mb / 5P
300Mbps Wireless AP/Client Router
logo
Belden Inc.
BAT-C2 BELDEN-BAT-C2 Datasheet
1Mb / 4P
Compact WLAN Client and AccessPoint with 11ac technology and fast roaming.
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
2702531 PHOENIX-2702531 Datasheet
235Kb / 14P
Router - TC ROUTER 2002T-3G
09/12/2020
2702885 PHOENIX-2702885 Datasheet
2Mb / 8P
Router - TC CLOUD CLIENT 1002-TX/TX
03/25/2022
1234354 PHOENIX-1234354 Datasheet
5Mb / 27P
Router - TC ROUTER 4202T-4G EU WLAN
Nov 16, 2022
1234353 PHOENIX-1234353 Datasheet
6Mb / 28P
Router - TC ROUTER 4102T-4G EU WLAN
Dec 2, 2022
1221706 PHOENIX-1221706 Datasheet
1Mb / 12P
Router - CLOUD CLIENT 1101T-TX/TX
Dec 2, 2022
2702887 PHOENIX-2702887 Datasheet
2Mb / 24P
Router - TC CLOUD CLIENT 1002-4G VZW
Dec 2, 2022
2702888 PHOENIX-2702888 Datasheet
2Mb / 23P
Router - TC CLOUD CLIENT 1002-4G ATT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com