Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1760 Datasheet (PDF) - Alpha Wire

1760 Datasheet PDF - Alpha Wire
Part # 1760
Download  1760 Download
File Size   97.73 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1760 Datasheet (PDF)

Go To PDF Page Download Datasheet
1760 Datasheet PDF - Alpha Wire

Part # 1760
Download  1760 Click to download

File Size   97.73 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1760 Datasheet (HTML) - Alpha Wire


1760 Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 12 (65/30) AWG Tinned Copper 0.093
b) Insulation 0.020" Wall, Nom. PVC 0.133
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 2 RED
2) Cable Assembly 2 Components Cabled
a) Twists: 3.2 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 20% Overlap, Min.
3) Shield
Bare Copper BRAID Shield,75%
Coverage, Nom.
4) Jacket 0.020" Wall, Nom.,PVC 0.331 (0.346 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1760
CE ROHS
* = Factory Code




Similar Part No. - 1760

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1760 MOLEX11-1760 Datasheet
10Mb / 3P
WOODHEAD짰 TESTERS PERFORM BASIC-VERIFICATION AND MULTIFUNCTION WIRE TESTING WITH COMPACT, SIMPLE-TO-USE DEVICES THAT
logo
Advantech Co., Ltd.
1760000837 ADVANTECH-1760000837 Datasheet
364Kb / 2P
12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
1760000837 ADVANTECH-1760000837 Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
1760000837 ADVANTECH-1760000837 Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
1760000897-11 ADVANTECH-1760000897-11 Datasheet
978Kb / 3P
Wi-Fi 2.4/5 GHz 802.11 a/b/g/n/ac I/O and Sensor Module
27-Jun-2024
More results


Similar Description - 1760

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com