Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1761 Datasheet (PDF) - Alpha Wire

1761 Datasheet PDF - Alpha Wire
Part # 1761
Download  1761 Download
File Size   97.69 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

1761 Datasheet (PDF)

Go To PDF Page Download Datasheet
1761 Datasheet PDF - Alpha Wire

Part # 1761
Download  1761 Click to download

File Size   97.69 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

1761 Datasheet (HTML) - Alpha Wire


1761 Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 12 (65/30) AWG Tinned Copper 0.093
b) Insulation 0.020" Wall, Nom. PVC 0.133
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 2 RED 3 WHITE
2) Cable Assembly 3 Components Cabled
a) Twists: 2.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 20% Overlap, Min.
3) Shield
Bare Copper BRAID Shield,75%
Coverage, Nom.
4) Jacket 0.020" Wall, Nom.,PVC 0.352 (0.368 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1761
CE ROHS
* = Factory Code




Similar Part No. - 1761

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
1761 BK-1761 Datasheet
521Kb / 1P
Triple Output DC Power Supplies
logo
List of Unclassifed Man...
1761-2 ETC2-1761-2 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
1761-2 ETC2-1761-2 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
NHP Electrical Engineer...
1761-CBL-AP00 NHP-1761-CBL-AP00 Datasheet
396Kb / 1P
Cable RS232 Operating 8-Pin Mini DIN To 9-Pin D Shell 0.5M
6 June 2023,
1761-CBL-PM02 NHP-1761-CBL-PM02 Datasheet
438Kb / 1P
Cable RS232 Operating/Programming 8-Pin Mini DIN To 9-Pin DShell 2M
6 June 2023,
More results


Similar Description - 1761

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com