Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1772 Datasheet (PDF) - Alpha Wire

1772 Datasheet PDF - Alpha Wire
Part # 1772
Download  1772 Download
File Size   97.75 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1772 Datasheet (PDF)

Go To PDF Page Download Datasheet
1772 Datasheet PDF - Alpha Wire

Part # 1772
Download  1772 Click to download

File Size   97.75 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1772 Datasheet (HTML) - Alpha Wire


1772 Product details

Construction
Diameters (In)
1) Component 1 4 X 1 COND
a) Conductor 25 (41/40) AWG Bare Copper 0.023
b) Insulation 0.014" Wall, Nom. Polyethylene(PE) 0.051
(1) Color(s)
Cond Color Cond Color Cond Color
1 WHITE 3 WHITE
2 BLUE 4 BLUE
2) Cable Assembly 4 Components Cabled
a) Twists: 16.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Shield
Tinned Copper BRAID Shield,95%
Coverage, Min.
4) Jacket 0.044" Wall, Nom.,PVC 0.234 (0.245 Max.)
a) Color(s) Black, Brown, Slate, Yellow
b) Print
ALPHA WIRE-* P/N 1772
CE ROHS
* = Factory Code




Similar Part No. - 1772

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1772 3M-1772 Datasheet
360Kb / 2P
3M Medical Materials & Technologies
logo
Heyco.
1772 HEYCO-1772 Datasheet
143Kb / 1P
RDD Lockit™ Strain Relief Bushings – Pigtail
logo
Molex Electronics Ltd.
1772-36P MOLEX11-1772-36P Datasheet
138Kb / 2P
.062/(1.57) HOUSING, PLUG AND RECEPTACLE, 36 CIRCUIT
1772-36P MOLEX11-1772-36P Datasheet
37Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Plug Housing, 36 Circuits, 4 Rows, with Mounting Ears
1772-36P-1 MOLEX11-1772-36P-1 Datasheet
138Kb / 2P
.062/(1.57) HOUSING, PLUG AND RECEPTACLE, 36 CIRCUIT
More results


Similar Description - 1772

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com