Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273038 Datasheet (PDF) - PHOENIX CONTACT

3273038 Datasheet PDF - PHOENIX CONTACT
Part # 3273038
Download  3273038 Download
File Size   853.45 Kbytes
Page   35 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-NS35 VT

3273038 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273038 Datasheet PDF - PHOENIX CONTACT

Part # 3273038
Download  3273038 Click to download

File Size   853.45 Kbytes
Page   35 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-NS35 VT

3273038 Datasheet (HTML) - PHOENIX CONTACT


3273038 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with vertical alignment, nom. voltage: 690
V, nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4
mm2, mounting type: NS 35/7,5, NS 35/15, color: violet

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273038

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273030 PHOENIX-3273030 Datasheet
851Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 GN
Jun 15, 2022
3273032 PHOENIX-3273032 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 BN
Jun 15, 2022
3273034 PHOENIX-3273034 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 WH
Jun 22, 2022
3273036 PHOENIX-3273036 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 BK
Jun 15, 2022
3273039 PHOENIX-3273039 Datasheet
843Kb / 34P
Distribution block - PTFIX 12X2,5-NS35 PK
Sep 8, 2022
More results


Similar Description - 3273038

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273542 PHOENIX-3273542 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 VT
3273026 PHOENIX-3273026 Datasheet
849Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 RD
Jun 2, 2022
3273302 PHOENIX-3273302 Datasheet
706Kb / 31P
Distribution block - PTFIX 12X2,5 VT
Jun 15, 2022
3273032 PHOENIX-3273032 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 BN
Jun 15, 2022
3273040 PHOENIX-3273040 Datasheet
851Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 OG
Jul 6, 2022
3273586 PHOENIX-3273586 Datasheet
485Kb / 20P
Distribution block - PTFIX 18X4-NS35 VT
Jun 22, 2022
3273564 PHOENIX-3273564 Datasheet
481Kb / 20P
Distribution block - PTFIX 12X4-NS35 VT
Jun 29, 2022
3273104 PHOENIX-3273104 Datasheet
906Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 VT
Jun 22, 2022
3273368 PHOENIX-3273368 Datasheet
710Kb / 31P
Distribution block - PTFIX 6/12X2,5 VT
Jul 20, 2022
3273028 PHOENIX-3273028 Datasheet
855Kb / 35P
Distribution block - PTFIX 12X2,5-NS35 YE
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com