Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

351HE Datasheet (PDF) - Vishay Siliconix

351HE Datasheet PDF - Vishay Siliconix
Part # 351HE
Download  351HE Download
File Size   376.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)

351HE Datasheet (PDF)

Go To PDF Page Download Datasheet
351HE Datasheet PDF - Vishay Siliconix

Part # 351HE
Download  351HE Click to download

File Size   376.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)

351HE Datasheet (HTML) - Vishay Siliconix


351HE Product details

FEATURES
• Accurate linearity down to: ± 0.5 %
• All electrical angles available up to: 360°
(no dead band)
• Long life: greater than 10M cycles
• Non contacting technology: Hall effect
• Model dedicated to all applications in harsh environments
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 351HE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
351HE VISHAY-351HE Datasheet
378Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
351HE0A1WA VISHAY-351HE0A1WA Datasheet
270Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
15-Nov-07
351HE0A1WB VISHAY-351HE0A1WB Datasheet
270Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
15-Nov-07
351HE0A1WC VISHAY-351HE0A1WC Datasheet
270Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
15-Nov-07
351HE0A1WD VISHAY-351HE0A1WD Datasheet
270Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
15-Nov-07
More results


Similar Description - 351HE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL351HE VISHAY-MODEL351HE Datasheet
270Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
15-Nov-07
631HE VISHAY-631HE Datasheet
106Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
12-Apr-10
34THE VISHAY-34THE_15 Datasheet
221Kb / 7P
Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
25-Jul-12
78SHE VISHAY-78SHE_15 Datasheet
401Kb / 5P
Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
631HE VISHAY-631HE_15 Datasheet
359Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
351HE VISHAY-351HE Datasheet
378Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
34THE VISHAY-34THE_V01 Datasheet
230Kb / 7P
Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
25-Jul-12
78SHE VISHAY-78SHE Datasheet
410Kb / 5P
Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)S
27-Mar-15
631HE VISHAY-631HE_V01 Datasheet
101Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
28-May-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com