Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJQ2416 Datasheet (PDF) - Pan Jit International Inc.

PJQ2416 Datasheet PDF - Pan Jit International Inc.
Part # PJQ2416
Download  PJQ2416 Download
File Size   573.66 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V N-Channel Enhancement Mode MOSFET

PJQ2416 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJQ2416 Datasheet PDF - Pan Jit International Inc.

Part # PJQ2416
Download  PJQ2416 Click to download

File Size   573.66 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V N-Channel Enhancement Mode MOSFET

PJQ2416 Datasheet (HTML) - Pan Jit International Inc.


PJQ2416 Product details

Features
 RDS(ON), VGS@4.5V, ID@9.5A<11mΩ
 RDS(ON), VGS@2.5V, ID@9A<13mΩ
 RDS(ON), VGS@1.8V, ID@8A<17mΩ
 Advanced Trench Process Technology
 ESD Protected
 Specially Designed for Relay driver, Speed line drive, etc.
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : DFN2020B-6L Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0003 ounces, 0.0086 grams




Similar Part No. - PJQ2416

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJQ2414 PANJIT-PJQ2414 Datasheet
509Kb / 6P
20V N-Channel Enhancement Mode MOSFET – ESD Protected
November 12,2021
PJQ2414_R1_00201 PANJIT-PJQ2414_R1_00201 Datasheet
509Kb / 6P
20V N-Channel Enhancement Mode MOSFET – ESD Protected
November 12,2021
More results


Similar Description - PJQ2416

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com