Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2989200 Datasheet (PDF) - PHOENIX CONTACT

2989200 Datasheet PDF - PHOENIX CONTACT
Part # 2989200
Download  2989200 Download
File Size   671.6 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH GHS 12G/8

2989200 Datasheet (PDF)

Go To PDF Page Download Datasheet
2989200 Datasheet PDF - PHOENIX CONTACT

Part # 2989200
Download  2989200 Click to download

File Size   671.6 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH GHS 12G/8

2989200 Datasheet (HTML) - PHOENIX CONTACT


2989200 Product details

Ethernet Gigabit Modular Switch with eight 10/100/1000 Mbps RJ45 ports and four 1000 Mbps
SFP ports, can be extended by an extension station to up to 28 ports

Product Description
The Gigabit Modular Switch is a high-performance managed switch, which covers the port requirements of industrial applications in a modular and
flexible way. It also supports all popular Gigabit and Fast Ethernet transmission standards, IT standard protocols, and the PROFINET and
EtherNet/IP™ automation protocols.
For use in the production backbone, the FL SWITCH GHS 12G/8 is the first switch with 12 integrated Gigabit ports and which also allows interface
modules for up to 16 more 100 Mbps ports to be fitted.

Your advantages
• Optional Layer 3 functions (static routing) can be activated
• Connection of Gigabit fiberglass via FL SFP plug-in modules
• Security in the automation network according to IEEE 802.1X
• Connection of connection media that can be assembled in the field, such as POF, HCS, and GI HCS
• Quick and easy local configuration options with the new operator/display interface




Similar Part No. - 2989200

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989213 PHOENIX-2989213 Datasheet
94Kb / 4P
Firewall/router in PCI format 533 MHz processor cycle frequency
2989239 PHOENIX-2989239 Datasheet
66Kb / 5P
Web-based management, SNMP
More results


Similar Description - 2989200

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
Industrial Ethernet Switch - FL SWITCH 2308
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
2700271 PHOENIX-2700271 Datasheet
666Kb / 22P
Industrial Ethernet Switch - FL SWITCH GHS 4G/12
Dec 2, 2022
2700786 PHOENIX-2700786 Datasheet
650Kb / 22P
Industrial Ethernet Switch - FL SWITCH GHS 4G/12-L3
Dec 2, 2022
2700787 PHOENIX-2700787 Datasheet
649Kb / 22P
Industrial Ethernet Switch - FL SWITCH GHS 12G/8-L3
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com