Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GVXO36 Datasheet (PDF) - Golledge Electronics Ltd

GVXO36 Datasheet PDF - Golledge Electronics Ltd
Part # GVXO36
Download  GVXO36 Download
File Size   68.93 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V VCXO High Frequency

GVXO36 Datasheet (PDF)

Go To PDF Page Download Datasheet
GVXO36 Datasheet PDF - Golledge Electronics Ltd

Part # GVXO36
Download  GVXO36 Click to download

File Size   68.93 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V VCXO High Frequency

GVXO36 Datasheet (HTML) - Golledge Electronics Ltd


GVXO36 Product details

Features
➠ Fundamental mode crystal up to 50MHz
➠ High frequency CMOS output
➠ Low jitter and fast rise / fall times
➠ Metal SM package with glass epoxy base




Similar Part No. - GVXO36

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO32 GOLLEDGE-GVXO32 Datasheet
69Kb / 1P
3.3V & 5V VCXO High Frequency
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
3.3V & 5V VCXO
GVXO37 GOLLEDGE-GVXO37 Datasheet
71Kb / 1P
VCXO - Complementary ECL/PECL VHF Range
GVXO38 GOLLEDGE-GVXO38 Datasheet
71Kb / 1P
VCXO Complementray ECL/PECL UHF Range
More results


Similar Description - GVXO36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVXO-42F ETC1-GVXO-42F Datasheet
95Kb / 1P
5V VCXO - HIGH FREQUENCY
logo
Golledge Electronics Lt...
GVXO32 GOLLEDGE-GVXO32 Datasheet
69Kb / 1P
3.3V & 5V VCXO High Frequency
GVXO42 GOLLEDGE-GVXO42 Datasheet
61Kb / 1P
5V VCXO High Frequency
GVXO45 GOLLEDGE-GVXO45 Datasheet
61Kb / 1P
5V VCXO High Frequency Fundamental
GVXO-32 GOLLEDGE-GVXO-32_15 Datasheet
124Kb / 1P
3.3V & 5V VCXO - High Frequency
GVXO-42F GOLLEDGE-GVXO-42F_16 Datasheet
136Kb / 1P
5V VCXO - High Frequency
GVXO-36 GOLLEDGE-GVXO-36 Datasheet
563Kb / 4P
5V VCXO - High Frequency
GVXO-42F GOLLEDGE-GVXO-42F_18 Datasheet
550Kb / 4P
5V VCXO - High Frequency - 14-pin DIL package
GVXO-27S GOLLEDGE-GVXO-27S Datasheet
574Kb / 5P
5V High Frequency Fundamental VCXO
GVXO-32S GOLLEDGE-GVXO-32S Datasheet
568Kb / 4P
5V High Frequency VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com