Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1892/3C Datasheet (PDF) - Alpha Wire

1892/3C Datasheet PDF - Alpha Wire
Part # 1892/3C
Download  1892/3C Download
File Size   97.68 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1892/3C Datasheet (PDF)

Go To PDF Page Download Datasheet
1892/3C Datasheet PDF - Alpha Wire

Part # 1892/3C
Download  1892/3C Click to download

File Size   97.68 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1892/3C Datasheet (HTML) - Alpha Wire


1892/3C Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 12 (65/30) AWG Tinned Copper 0.093
b) Insulation 0.020" Wall, Nom. PVC 0.133
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 2 RED 3 WHITE
2) Cable Assembly 3 Components Cabled
a) Twists: 2.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket 0.023" Wall, Nom.,PVC 0.333 (0.349 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1892/3C 3C 12 AWG
(UL) 75C TYPE CL2 OR C(RU) AWM I/II A/B 80C 300V
FT1 CE ROHS
* = Factory Code




Similar Part No. - 1892/3C

ManufacturerPart #DatasheetDescription
logo
NEC
1892 NEC-1892 Datasheet
299Kb / 42P
MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
List of Unclassifed Man...
1892 ETC-1892 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
Heyco.
1892 HEYCO-1892 Datasheet
133Kb / 1P
Double D Hole Plugs
1892 HEYCO-1892 Datasheet
111Kb / 1P
Strain Relief Mounting Hole Plugs
logo
Keystone Electronics Co...
1892 KEYSTONE-1892 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results


Similar Description - 1892/3C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com