Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18964L Datasheet (PDF) - Alpha Wire

18964L Datasheet PDF - Alpha Wire
Part # 18964L
Download  18964L Download
File Size   98.04 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

18964L Datasheet (PDF)

Go To PDF Page Download Datasheet
18964L Datasheet PDF - Alpha Wire

Part # 18964L
Download  18964L Click to download

File Size   98.04 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

18964L Datasheet (HTML) - Alpha Wire


18964L Product details

Construction
Diameters (In)
1) Component 1 4 X 1 COND
a) Conductor 20 (7/28) AWG Tinned Copper 0.038
b) Insulation
0.016" Wall, Nom. Low Smoke Zero
Halogen (LSZH)
0.070
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 3 WHITE
2 RED 4 GREEN
2) Cable Assembly 4 Components Cabled
a) Twists: 4.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.025" Wall, Nom.,Low Smoke Zero
Halogen (LSZH)
0.219 (0.230 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1896/4L 4C 20 AWG
EXXXXXX 75C (UL) C(UL) TYPE CMG ---
LSZH CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 18964L

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18964 ATOM-18964 Datasheet
484Kb / 2P
AT9454
26th of January 2025 15:50:34
logo
PHOENIX CONTACT
1896459 PHOENIX-1896459 Datasheet
74Kb / 4P
Printed-circuit board connector - MC 1,5/16-ST-3,81 AUBD:90141Q
logo
Weidmuller
1896490000 WEIDMULLER-1896490000 Datasheet
420Kb / 5P
SL-SMT 3.50/12/180F 1.5SN BK RL
logo
Alpha Wire
18964C ALPHAWIRE-18964C Datasheet
98Kb / 4P
Customer Specification
12/8/2022
More results


Similar Description - 18964L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com