Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18988C Datasheet (PDF) - Alpha Wire

18988C Datasheet PDF - Alpha Wire
Part # 18988C
Download  18988C Download
File Size   98.06 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

18988C Datasheet (PDF)

Go To PDF Page Download Datasheet
18988C Datasheet PDF - Alpha Wire

Part # 18988C
Download  18988C Click to download

File Size   98.06 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

18988C Datasheet (HTML) - Alpha Wire


18988C Product details

Construction
Diameters (In)
1) Component 1 8 X 1 COND
a) Conductor 18 (16/30) AWG Tinned Copper 0.047
b) Insulation 0.016" Wall, Nom. PVC 0.079
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 4 GREEN 7 BROWN
2 RED 5 ORANGE 8 YELLOW
3 WHITE 6 BLUE
2) Cable Assembly 8 Components Cabled
a) Twists: 3.2 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket 0.025" Wall, Nom.,PVC 0.313 (0.327 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1898/8C 8C 18 AWG
(UL) 75C TYPE CM OR AWM 2509 OR C(UL) 60C TYPE CMG
FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 18988C

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1898800 PHOENIX-1898800 Datasheet
114Kb / 10P
Printed-circuit board connector - FRONT-MSTB 2,5/24-STF-5,08
1898813 PHOENIX-1898813 Datasheet
41Kb / 2P
Base strip - MSTB 2,5/22-GF-5,08
1898826 PHOENIX-1898826 Datasheet
330Kb / 15P
Printed-circuit board connector - MSTBT 2,5/ 4-ST RD
1898839 PHOENIX-1898839 Datasheet
129Kb / 8P
Base strip - DFK-MSTBA 2.5/2-G-5.08
1898842 PHOENIX-1898842 Datasheet
128Kb / 8P
Base strip - DFK-MSTBA 2.5/3-G-5.08
More results


Similar Description - 18988C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com