Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

348018C Datasheet (PDF) - Alpha Wire

348018C Datasheet PDF - Alpha Wire
Part # 348018C
Download  348018C Download
File Size   98.73 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

348018C Datasheet (PDF)

Go To PDF Page Download Datasheet
348018C Datasheet PDF - Alpha Wire

Part # 348018C
Download  348018C Click to download

File Size   98.73 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

348018C Datasheet (HTML) - Alpha Wire


348018C Product details

Construction
Diameters (In)
1) Component 1 18 X 1 PAIR
a) Conductor 28 (7/36) AWG Tinned Copper 0.015
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.035
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED 7
BLACKORANGE
13 RED-ORANGE
2 BLACK-WHITE 8 RED-GREEN 14 GREEN-BLUE
3 BLACK-GREEN 9 RED-WHITE 15 GREEN-WHITE
4 BLACK-BLUE 10 RED-BLUE 16 GREEN-BROWN
5 BLACK-BROWN 11 RED-YELLOW 17
GREENORANGE
6 BLACK-YELLOW 12 RED-BROWN 18
GREENYELLOW
c) Pair 2/Cond Cabled Together
(1) Twists: 12.0 Twists/foot (min)
2) Cable Assembly 18 Components Cabled
a) Twists: 2.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 28 (7/36) AWG Tinned Copper
c) Braid Tinned Copper,65% Coverage, Min.
4) Jacket 0.035" Wall, Nom.,PVC 0.389 (0.413 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 3480/18C 18PR 28 AWG
SHIELDED 75C (UL) TYPE CL2 OR AWM 2464 ---
LLXXXXXX CSA TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 348018C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3480100000 ETC2-3480100000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
3480100100 ETC2-3480100100 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Alpha Wire
348012C ALPHAWIRE-348012C Datasheet
99Kb / 5P
Customer Specification
12/2/2022
More results


Similar Description - 348018C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com