Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

608918C Datasheet (PDF) - Alpha Wire

608918C Datasheet PDF - Alpha Wire
Part # 608918C
Download  608918C Download
File Size   99.49 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

608918C Datasheet (PDF)

Go To PDF Page Download Datasheet
608918C Datasheet PDF - Alpha Wire

Part # 608918C
Download  608918C Click to download

File Size   99.49 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

608918C Datasheet (HTML) - Alpha Wire


608918C Product details

Construction
Diameters (In)
1) Component 1 18 X 1 PAIR
a) Conductor 24 (7/32) AWG Tinned Copper 0.024
b) Insulation
0.010" Wall, Nom. Polyethylene,
High Density
0.044
(1) Color Code Alpha Wire Color Code M
Pair Color Pair Color Pair Color
1
BLUE/WHITE -
WHITE/BLUE
7
ORANGE/RED -
RED/ORANGE
13
GREEN/BLACK -
BLACK/GREEN
2
ORANGE/WHITE
-
WHITE/ORANGE
8
GREEN/RED -
RED/GREEN
14
BROWN/BLACK
- BLACK/BROWN
3
GREEN/WHITE -
WHITE/GREEN
9
BROWN/RED -
RED/BROWN
15
SLATE/BLACK -
BLACK/SLATE
4
BROWN/WHITE
- WHITE/BROWN
10
SLATE/RED -
RED/SLATE
16
BLUE/YELLOW -
YELLOW/BLUE
5
SLATE/WHITE -
WHITE/SLATE
11
BLUE/BLACK -
BLACK/BLUE
17
ORANGE/YELLO
W -
YELLOW/ORANG
E
6
BLUE/RED -
RED/BLUE
12
ORANGE/BLACK
-
BLACK/ORANGE
18
GREEN/YELLOW
-
YELLOW/GREEN
c) Pair 2/Cond Cabled Together
(1) Twists: 2 - 6 Twists/foot (approx.)
2) Cable Assembly 18 Components Cabled
a) Twists: 2.3 Twists/foot (min)
b) Orientation: Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Shield: A/P/A Tape, 25% Overlap, Min.
a) Drain Wire 24 (7/32) AWG Tinned Copper
4) Jacket 0.035" Wall, Nom.,PVC 0.440 (0.465 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 6089/18C 18PR 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2919 LOW VOLTAGE
COMPUTER CABLE --- LLXXXXXX CSA TYPE CMG 60C FT4
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 608918C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
60893-2 TEC-60893-2 Datasheet
521Kb / 15P
Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
60894-1 TEC-60894-1 Datasheet
521Kb / 15P
Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
60894-1 TEC-60894-1 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
60894-2 TEC-60894-2 Datasheet
111Kb / 4P
Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
60894-2 TEC-60894-2 Datasheet
521Kb / 15P
Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results


Similar Description - 608918C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com