Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-24R2PE Datasheet (PDF) - Advantech Co., Ltd.

PCM-24R2PE Datasheet PDF - Advantech Co., Ltd.
Part # PCM-24R2PE
Download  PCM-24R2PE Download
File Size   279.57 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45

PCM-24R2PE Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM-24R2PE Datasheet PDF - Advantech Co., Ltd.

Part # PCM-24R2PE
Download  PCM-24R2PE Click to download

File Size   279.57 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45

PCM-24R2PE Datasheet (HTML) - Advantech Co., Ltd.


PCM-24R2PE Product details

Features
ƒƒ Meets Advantech iDoor technology standard
ƒƒ PCI Express® Mini card specification revision 1.2 compliant
ƒƒ Supports 2 Gigabit Ethernet MAC controller and PHY ports
ƒƒ Supports 24 VDC input power boost up to 15.4 W at 48 VDC per PoE port
ƒƒ Supports PoE (Power over Ethernet), IEEE 802.3af compliant
ƒƒ Powered device (PD) auto detection and classification
ƒƒ Supports IEEE 802.3u auto-negotiation
ƒƒ Supports 32/64-bit Windows 7/8, Linux 2.4/2.6
ƒƒ Supports embedded automation PC UNO-2400 series
ƒƒ Supports control DIN-Rail PC UNO-1300/1400 series
ƒƒ Supports control cabinet PC UNO-3200/3300/3400 series




Similar Part No. - PCM-24R2PE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
240Kb / 1P
2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
379Kb / 2P
Intel® Core™ i7/i3/Celeron® Control IPC w/ 2 x GbE, 2 x mPCIe, VGA
10-Feb-2017
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
1Mb / 5P
Regular Fanless DIN Rail Controller with 11th gen Intel® Core™ i processor
28-Sep-2021
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
1,000Kb / 2P
Intel® Celeron J1900 Automation Computer with 2 PCI(e) Expansion Slots, 2 x GbE, 1 x mPCIe, HDMI, VGA
6-Jan-2021
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
1Mb / 3P
Intel® Core™ i7/ i5/ i3 Automation Computer with 2/4 PCI(e) Expansion Slots, 2 x GbE, 2 x mPCIe, HDMI, DVI-I
10-Aug-2022
More results


Similar Description - PCM-24R2PE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24R1TP ADVANTECH-PCM-24R1TP_15 Datasheet
197Kb / 1P
1-Port Gigabit Ethernet, Intel짰 82574L,mPCIe, RJ45
PCM-24R2GL ADVANTECH-PCM-24R2GL_15 Datasheet
204Kb / 1P
2-Port Gigabit Ethernet, mPCIe, RJ45
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
240Kb / 1P
2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
logo
Microchip Technology
PD-3501G MICROCHIP-PD-3501G Datasheet
394Kb / 2P
Single-port Gigabit PoE Indoor Injector, 802.3af Compliant
5/21
logo
Advantech Co., Ltd.
EKI-2701HP ADVANTECH-EKI-2701HP Datasheet
480Kb / 2P
IEEE 802.3af/at Gigabit PoE Injector
8-Apr-2021
PCM-24R1TP ADVANTECH-PCM-24R1TP Datasheet
209Kb / 1P
1-Port Gigabit Ethernet, Intel짰 82574L, mPCIe, RJ45
27-Jun-2018
PCM-24R2GL ADVANTECH-PCM-24R2GL_V01 Datasheet
203Kb / 1P
2-Port Gigabit Ethernet, Intel짰 I350, mPCIe, RJ45
27-Jul-2016
MOS-2120-Z1201 ADVANTECH-MOS-2120-Z1201 Datasheet
263Kb / 1P
2-Port Gigabit Ethernet, Intel® I210, mPCIe, RJ45
26-Jun-2018
logo
Coolgear Inc.
CG-POEIJ12V COOLGEAR-CG-POEIJ12V Datasheet
367Kb / 1P
Gigabit IEEE 802.3af/at PoE Injector (12v)
5/03/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com