Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMB050N10NS2 Datasheet (PDF) - Pan Jit International Inc.

PSMB050N10NS2 Datasheet PDF - Pan Jit International Inc.
Part # PSMB050N10NS2
Download  PSMB050N10NS2 Download
File Size   779.14 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 100V N-Channel Enhancement Mode MOSFET

PSMB050N10NS2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMB050N10NS2 Datasheet PDF - Pan Jit International Inc.

Part # PSMB050N10NS2
Download  PSMB050N10NS2 Click to download

File Size   779.14 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 100V N-Channel Enhancement Mode MOSFET

PSMB050N10NS2 Datasheet (HTML) - Pan Jit International Inc.


PSMB050N10NS2 Product details

Feature
 RDS(ON),max < 5.0 mΩ at VGS = 10 V, ID = 50 A
 RDS(ON),max < 7.0 mΩ at VGS = 6 V, ID = 25 A
 High switching speed
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case: TO-263 package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 1.38 grams
Application
 SR solutions of Power supply, BMS, BLDC motor driver switch.




Similar Part No. - PSMB050N10NS2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PSMB055N08NS1 PANJIT-PSMB055N08NS1 Datasheet
667Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB055N08NS1-REV.00
More results


Similar Description - PSMB050N10NS2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com