Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP075N15NS1 Datasheet (PDF) - Pan Jit International Inc.

PSMP075N15NS1 Datasheet PDF - Pan Jit International Inc.
Part # PSMP075N15NS1
Download  PSMP075N15NS1 Download
File Size   572.92 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 150V N-Channel MOSFET

PSMP075N15NS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMP075N15NS1 Datasheet PDF - Pan Jit International Inc.

Part # PSMP075N15NS1
Download  PSMP075N15NS1 Click to download

File Size   572.92 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 150V N-Channel MOSFET

PSMP075N15NS1 Datasheet (HTML) - Pan Jit International Inc.


PSMP075N15NS1 Product details

Feature:
 RDS(ON) Max, VGS@10V: 7.5mΩ
 RDS(ON) Max, VGS@7V: 9mΩ
 High Speed Switching and Low RDS(ON)
 100% Avalanche Tested
 100% Rg Tested
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case: TO-220AB-L package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0739 ounces, 2.0948 grams
Application
 BMS, BLDC. SMPS SR.




Similar Part No. - PSMP075N15NS1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
logo
Nexperia B.V. All right...
PSMP033-60YE NEXPERIA-PSMP033-60YE Datasheet
274Kb / 15P
60 V, P-channel Trench MOSFET
13 January 2021
PSMP033-60YEX NEXPERIA-PSMP033-60YEX Datasheet
274Kb / 15P
60 V, P-channel Trench MOSFET
13 January 2021
logo
Wall Industries,Inc.
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
Medical AC/DC Switching Power Supplies
logo
Pan Jit International I...
PSMP050N10NS2 PANJIT-PSMP050N10NS2 Datasheet
686Kb / 7P
100V N-Channel Enhancement Mode MOSFET
July 21,2022 PSMP050N10NS2-REV.00
More results


Similar Description - PSMP075N15NS1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
150V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com