Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM-1206 Datasheet (PDF) - Vishay Siliconix

ICM-1206 Datasheet PDF - Vishay Siliconix
Part # ICM-1206
Download  ICM-1206 Download
File Size   125.56 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Common Mode Choke

ICM-1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM-1206 Datasheet PDF - Vishay Siliconix

Part # ICM-1206
Download  ICM-1206 Click to download

File Size   125.56 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Common Mode Choke

ICM-1206 Datasheet (HTML) - Vishay Siliconix


ICM-1206 Product details

FEATURES
• Operating temperature: -40 °C to +85 °C
• Excellent solderability and resistance to
soldering heat
• Suitable for flow and reflow soldering
• High reliability and easy surface mount assembly
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• USB 2.0 and IEEE1394
• Notebook and personal computer
• Digital camera
• Scanner




Similar Part No. - ICM-1206

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ICM-1206 VISHAY-ICM-1206 Datasheet
40Kb / 1P
Surface Mount Common Mode Choke
08-Apr-03
ICM-1206 VISHAY-ICM-1206 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ICM-1206 VISHAY-ICM-1206 Datasheet
128Kb / 3P
Surface Mount Common Mode Chok
06-Nov-15
ICM-1206-ER-601-M VISHAY-ICM-1206-ER-601-M Datasheet
128Kb / 3P
Surface Mount Common Mode Chok
06-Nov-15
ICM-1206ER601M VISHAY-ICM-1206ER601M Datasheet
126Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Similar Description - ICM-1206

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
Surface Mount Common Mode Choke
01-Mar-06
logo
NIC-Components Corp.
NCCA NIC-NCCA Datasheet
5Mb / 4P
Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_17 Datasheet
133Kb / 3P
Surface Mount Common Mode Choke
06-Nov-15
ICM0805 VISHAY-ICM0805 Datasheet
131Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com