Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1934/3 Datasheet (PDF) - Alpha Wire

1934/3 Datasheet PDF - Alpha Wire
Part # 1934/3
Download  1934/3 Download
File Size   98.51 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1934/3 Datasheet (PDF)

Go To PDF Page Download Datasheet
1934/3 Datasheet PDF - Alpha Wire

Part # 1934/3
Download  1934/3 Click to download

File Size   98.51 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1934/3 Datasheet (HTML) - Alpha Wire


1934/3 Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 18 (16/30) AWG BC 0.047
b) Insulation 0.031" Wall, Nom. Neoprene 0.112
(1) Separator Paper Tape, 10% Overlap, Min.
(2) Color(s)
Cond Color Cond Color Cond Color
1 BLACK 2 WHITE 3 GREEN
2) Cable Assembly 3 Components Cabled
a) Twists: 5.3 Twists/foot (min)
3) Jacket
0.065" Wall, Nom.,Chlorinated
Polyethylene (CPE)
0.378+/- 0.018
a) Color(s) BLACK
b) Jacket Separator Tissue Tape, 25% Overlap, Min.
c) Print
ALPHA WIRE-* P/N 1934/3 3C 18 AWG (0.811mm2)
(UL) C(UL) TYPE SOOW 90C 600V -40C FT2
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 1934/3

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1934/4 ALPHAWIRE-1934/4 Datasheet
98Kb / 4P
Customer SpecificationS
12/12/2022
More results


Similar Description - 1934/3

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com