Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

254302 Datasheet (PDF) - Alpha Wire

254302 Datasheet PDF - Alpha Wire
Part # 254302
Download  254302 Download
File Size   98.61 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

254302 Datasheet (PDF)

Go To PDF Page Download Datasheet
254302 Datasheet PDF - Alpha Wire

Part # 254302
Download  254302 Click to download

File Size   98.61 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

254302 Datasheet (HTML) - Alpha Wire


254302 Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 18 (16/30) AWG Tinned Copper 0.047
b) Insulation 0.032" Wall, Nom. PVC 0.111
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 2 BROWN
2) Cable Assembly 2 Components Cabled
a) Twists: 3.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 18 (16/30) AWG Tinned Copper
4) Jacket
0.063" Wall, Nom.,Polyurethane
(TPU)
0.356 (0.374 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25430/2
XTRAGUARD(R) 2 RU AWM 20952 VW-1 OR CRU
AWM I/II A/B 105C 600 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 254302

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25430-15 ALPHAWIRE-25430-15 Datasheet
395Kb / 4P
18 (16/30) AWG Tinned Copper
25430-19 ALPHAWIRE-25430-19 Datasheet
396Kb / 4P
18 (16/30) AWG Tinned Copper
logo
Eaton All Rights Reserv...
25430-20100 EATON-25430-20100 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Alpha Wire
25430-3 ALPHAWIRE-25430-3 Datasheet
394Kb / 4P
18 (16/30) AWG Tinned Copper
25430/15 ALPHAWIRE-25430/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
More results


Similar Description - 254302

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com