Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28032 Datasheet (PDF) - Alpha Wire

28032 Datasheet PDF - Alpha Wire
Part # 28032
Download  28032 Download
File Size   98.88 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

28032 Datasheet (PDF)

Go To PDF Page Download Datasheet
28032 Datasheet PDF - Alpha Wire

Part # 28032
Download  28032 Click to download

File Size   98.88 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

28032 Datasheet (HTML) - Alpha Wire


28032 Product details

Construction
Applicable Specifications
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor
12 (19/25) AWG Silver Plated
Copper
0.090
b) Insulation 0.012" Wall, Nom. PTFE 0.114
(1) Color Code Alpha Wire Color Code G
Cond Color Cond Color Cond Color
1 WHITE 2 BLACK
2) Cable Assembly 2 Components Cabled
a) Twists: 3.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield
Silver Platted Copper BRAID
Shield,90% Coverage, Min.
4) Jacket
0.014" Wall, Nom.,PTFE
Impregnated Fiberglass
0.283 (0.304 Max.)
a) Color(s) WHITE
b) Jacket Separator
PTFE(skived) Tape, 25% Overlap,
Min.
1) Military
a) Component 1 MIL-W-16878/4 (Type E) 200°C / 600 VRMS
2) Other
a) Component 1 NEMA HP3-EXBLE 200°C / 600 VRMS
3) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 28032

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Visual Communications C...
2803 VCC-2803 Datasheet
115Kb / 1P
Relampable Incandescent Indicator Light
logo
KR Electronics, Inc.
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
logo
Heyco.
2803 HEYCO-2803 Datasheet
102Kb / 1P
Shorty Bushings
2803 HEYCO-2803 Datasheet
117Kb / 1P
Thin Panel Bushings
More results


Similar Description - 28032

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com