Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28142 Datasheet (PDF) - Alpha Wire

28142 Datasheet PDF - Alpha Wire
Part # 28142
Download  28142 Download
File Size   98.89 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

28142 Datasheet (PDF)

Go To PDF Page Download Datasheet
28142 Datasheet PDF - Alpha Wire

Part # 28142
Download  28142 Click to download

File Size   98.89 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

28142 Datasheet (HTML) - Alpha Wire


28142 Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor
22 (19/34) AWG Silver Plated
Copper
0.032
b) Insulation 0.009" Wall, Nom. PTFE 0.050
(1) Color Code Alpha Wire Color Code G
Cond Color Cond Color Cond Color
1 WHITE 2 BLACK
2) Cable Assembly 2 Components Cabled
a) Twists: 8.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield
Silver Platted Copper BRAID
Shield,90% Coverage, Min.
4) Jacket
0.014" Wall, Nom.,PTFE
Impregnated Fiberglass
0.155 (0.169 Max.)
a) Color(s) WHITE
b) Jacket Separator
PTFE(skived) Tape, 25% Overlap,
Min.




Similar Part No. - 28142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28142 ETC2-28142 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
TE Connectivity Ltd
281423 TEC-281423 Datasheet
145Kb / 4P
AMPMODU* Mod.I Interconnection System, Receptacle Contact
Rev. A3
281423 TEC-281423 Datasheet
145Kb / 4P
AMPMODU* Mod.I Interconnection System,
Rev. A3
More results


Similar Description - 28142

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com