Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50721C Datasheet (PDF) - Alpha Wire

50721C Datasheet PDF - Alpha Wire
Part # 50721C
Download  50721C Download
File Size   98.94 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

50721C Datasheet (PDF)

Go To PDF Page Download Datasheet
50721C Datasheet PDF - Alpha Wire

Part # 50721C
Download  50721C Click to download

File Size   98.94 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

50721C Datasheet (HTML) - Alpha Wire


50721C Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 16 (19/.0117) AWG Tinned Copper 0.059
b) Insulation 0.016" Wall, Nom. PVC 0.091
(1) Color Code Alpha Wire Color Code I2
Cond Color Cond Color Cond Color
1 BROWN 2 BLUE
2) Cable Assembly 2 Components Cabled
a) Twists: 4.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Jacket 0.032" Wall, Nom.,PVC 0.250 (0.261 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 5072/1C 2C 16 AWG
XTRAGUARD(R) 1 (UL) TYPE CM 105C OR AWM 2464 80C
300V OR AWM 21894 105C 300V SUN RES 60C OIL
VW-1 OR C(UL) TYPE CMG 105C FT4
CE ROHS (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 50721C

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
50721 DATEL-50721 Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
50721 DATEL-50721 Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
50721 DATEL-50721 Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
50721 DATEL-50721 Datasheet
143Kb / 1P
8 Channels Complete Data Acquisition System
logo
Axiomtek Co., Ltd.
50721127100E AXIOMTEK-50721127100E Datasheet
307Kb / 1P
Mini-ITX SBC with LGA1151 Socket 6th/7th Gen Intel® Core™ Processor, Intel® H110/Q170, HDMI/DisplayPort/VGA/LVDS/eDP, Dual LANs and USB 3.0
Nov. 25, 2019.
More results


Similar Description - 50721C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com