Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54102 Datasheet (PDF) - Alpha Wire

54102 Datasheet PDF - Alpha Wire
Part # 54102
Download  54102 Download
File Size   99.54 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

54102 Datasheet (PDF)

Go To PDF Page Download Datasheet
54102 Datasheet PDF - Alpha Wire

Part # 54102
Download  54102 Click to download

File Size   99.54 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

54102 Datasheet (HTML) - Alpha Wire


54102 Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.032" Wall, Nom. PVC 0.094
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 2 BROWN
2) Cable Assembly 2 Components Cabled
a) Twists: 4.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 22 (7/30) AWG Tinned Copper
4) Jacket 0.063" Wall, Nom.,PVC 0.322 (0.339 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 5410/2 2C 22 AWG
XTRAGUARD(R) 1 (UL) MTW 600V OR AWM 2501 105C
600V OR AWM 21896 105C 600V SUN RES 60C OIL
VW-1 OR CRU AWM I/II A/B 105C 600V
FT4 CE ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 54102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54102-0164 MOLEX7-54102-0164 Datasheet
339Kb / 5P
0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical,2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 16 Circuits
54102-0204 MOLEX7-54102-0204 Datasheet
339Kb / 5P
0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 20 Circuits
54102-0304 MOLEX7-54102-0304 Datasheet
339Kb / 5P
0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 30 Circuits
54102-0404 MOLEX7-54102-0404 Datasheet
339Kb / 5P
0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical,2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 40 Circuits
54102-0504 MOLEX7-54102-0504 Datasheet
339Kb / 5P
0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 50 Circuits
More results


Similar Description - 54102

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com