Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJD40N06A Datasheet (PDF) - Pan Jit International Inc.

PJD40N06A Datasheet PDF - Pan Jit International Inc.
Part # PJD40N06A
Download  PJD40N06A Download
File Size   569.58 Kbytes
Page   8 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET

PJD40N06A Datasheet (PDF)

Go To PDF Page Download Datasheet
PJD40N06A Datasheet PDF - Pan Jit International Inc.

Part # PJD40N06A
Download  PJD40N06A Click to download

File Size   569.58 Kbytes
Page   8 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET

PJD40N06A Datasheet (HTML) - Pan Jit International Inc.


PJD40N06A Product details

Features
 RDS(ON), VGS@10V, ID@20A<17mΩ
 RDS(ON), VGS@4.5V, ID@10A<20mΩ
 High switching speed
 Improved dv/dt capability
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : TO-251AA, TO-252AA, TO-220AB, Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 TO-251AA Approx. Weight : 0.0104 ounces, 0.297grams
 TO-252AA Approx. Weight : 0.0104 ounces, 0.297grams
 TO-220AB Approx. Weight : 0.067 ounces, 2 grams




Similar Part No. - PJD40N06A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD40N06A-AU PANJIT-PJD40N06A-AU Datasheet
401Kb / 7P
60V N-Channel Enhancement Mode MOSFET
April 10,2019-REV.00
PJD40N06A-AU_L2_000A1 PANJIT-PJD40N06A-AU_L2_000A1 Datasheet
401Kb / 7P
60V N-Channel Enhancement Mode MOSFET
April 10,2019-REV.00
More results


Similar Description - PJD40N06A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com