Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355-012-520-258 Datasheet (PDF) - EDAC, All Rights Reserved.

355-012-520-258 Datasheet PDF - EDAC, All Rights Reserved.
Part # 355-012-520-258
Download  355-012-520-258 Download
File Size   111.82 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 355 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height

355-012-520-258 Datasheet (PDF)

Go To PDF Page Download Datasheet
355-012-520-258 Datasheet PDF - EDAC, All Rights Reserved.

Part # 355-012-520-258
Download  355-012-520-258 Click to download

File Size   111.82 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 355 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height

355-012-520-258 Datasheet (HTML) - EDAC, All Rights Reserved.


355-012-520-258 Product details

Features


  • .156" (3.96mm) Contact Spacing x .140" (3.56mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • Low Profile Insulator Body, .470" (11.94mm)

  • Contact Termination Options include P.C. Tail, Wire Hole, Extender Board Bends

  • Dual Row Configuration

  • Large Variety of Mounting Options

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • RoHS Compliant & UL Certified




Similar Part No. - 355-012-520-258

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
355-012-520-258 EDAC-355-012-520-258 Datasheet
255Kb / 3P
355 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-012-520-258 EDAC-355-012-520-258 Datasheet
278Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
More results


Similar Description - 355-012-520-258

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
355-014-500-212 EDAC-355-014-500-212 Datasheet
122Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-014-520-212 EDAC-355-014-520-212 Datasheet
121Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-014-520-512 EDAC-355-014-520-512 Datasheet
121Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-014-555-278 EDAC-355-014-555-278 Datasheet
115Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-014-555-512 EDAC-355-014-555-512 Datasheet
123Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-014-555-558 EDAC-355-014-555-558 Datasheet
114Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-016-500-203 EDAC-355-016-500-203 Datasheet
115Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-016-500-558 EDAC-355-016-500-558 Datasheet
114Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-016-520-512 EDAC-355-016-520-512 Datasheet
122Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
355-016-521-512 EDAC-355-016-521-512 Datasheet
122Kb / 2P
355 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com