Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5117400B Datasheet (PDF) - Hitachi Semiconductor

HM5117400B Datasheet PDF - Hitachi Semiconductor
Part # HM5117400B
Download  HM5117400B Download
File Size   259.67 Kbytes
Page   25 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY

HM5117400B Datasheet (PDF)

Go To PDF Page Download Datasheet
HM5117400B Datasheet PDF - Hitachi Semiconductor

Part # HM5117400B
Download  HM5117400B Click to download

File Size   259.67 Kbytes
Page   25 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY

HM5117400B Datasheet (HTML) - Hitachi Semiconductor


HM5117400B Product details

Description
The Hitachi HM5117400B is a CMOS dynamic RAM organized 4,194,304 word 4 bit. It employs the most advanced CMOS technology for high performance and low power. The HM5117400B offers Fast Page Mode as a high speed access mode.

Features
• Single 5 V (±10%)
• High speed
    - Access time : 60 ns/ 70 ns/ 80 ns (max)
• Low power dissipation
    - Active mode : 605 mW/550 mW/495 mW(max)
    - Standby mode : 11 mW (max)
                               : 0.83 mW (max) (L-version)
• Fast page mode capability
• Long refresh period
    - 2048 refresh cycles : 32 ms
                                      : 128 ms (L-version)
    3 variations of refresh
    - RAS-only refresh
    - CAS-before-RAS refresh
    - Hidden refresh
• Battery backup operation (L-version)
• Test function
    - 16-bit parallel test mode




Similar Part No. - HM5117400B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5117400LS-5 HITACHI-HM5117400LS-5 Datasheet
273Kb / 33P
4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-6 HITACHI-HM5117400LS-6 Datasheet
273Kb / 33P
4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-7 HITACHI-HM5117400LS-7 Datasheet
273Kb / 33P
4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LTS-5 HITACHI-HM5117400LTS-5 Datasheet
273Kb / 33P
4,194,304 - WORD X 4-BIT DYNAMIC RAM
More results


Similar Description - HM5117400B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM514400B HITACHI-HM514400B Datasheet
235Kb / 27P
1,048,576-word X 4-bit Dynamic Random Access Memory
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
262,144-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
1048576-word x 16-bit Dynamic Random Access Memory
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
1048576-word x 16-bit Dynamic Random Access Memory
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
524,288-word X 8-bit Dynamic Random Access Memory
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
262,144-word x 16-bit Dynamic Random Access Memory
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com