Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-315-RJ60AU Datasheet (PDF) - Advantech Co., Ltd.

PPC-315-RJ60AU Datasheet PDF - Advantech Co., Ltd.
Part # PPC-315-RJ60AU
Download  PPC-315-RJ60AU Download
File Size   437.88 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15 Fanless Panel PC with Intel® Celeron® J6412 Processor

PPC-315-RJ60AU Datasheet (PDF)

Go To PDF Page Download Datasheet
PPC-315-RJ60AU Datasheet PDF - Advantech Co., Ltd.

Part # PPC-315-RJ60AU
Download  PPC-315-RJ60AU Click to download

File Size   437.88 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15 Fanless Panel PC with Intel® Celeron® J6412 Processor

PPC-315-RJ60AU Datasheet (HTML) - Advantech Co., Ltd.


PPC-315-RJ60AU Product details

Features
ƒ Industrial-grade 15" XGA TFT LCD with 70K backlight lifetime
ƒ Durable true-flat touchscreen with 5-wire resistive/projected capacitive touch
control
ƒ Intel® Celeron® J6412 quad-core, 2.6 GHz, processor
ƒ Up to 32 GB DDR4 SDRAM
ƒ 1 x RS-232, 1 x RS-232/422/485, 2 x USB 2.0, and 2 x USB 3.1
ƒ Compact, fanless design with solid aluminum alloy enclosure and IP66-rated
front panel
ƒ Supports E-key for wireless module
ƒ Supports expansion via M.2 slot
ƒ Supports Windows Embedded Linux and Android OS
ƒ Supports VESA 75 x 75 mounting holes
ƒ Dual 2.5GBASE-T Ethernet Supports Time-Sensitive Network(TSN)
technology




Similar Part No. - PPC-315-RJ60AU

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150 Datasheet
543Kb / 2P
15 Fanless Panel PC with Intel짰 Atom??Quad-Core Processor
PPC-3150-CFASTE ADVANTECH-PPC-3150-CFASTE Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3150-CFASTE ADVANTECH-PPC-3150-CFASTE Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3150-CFE ADVANTECH-PPC-3150-CFE Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3150-CFE ADVANTECH-PPC-3150-CFE Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
More results


Similar Description - PPC-315-RJ60AU

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3060S ADVANTECH-PPC-3060S Datasheet
413Kb / 2P
6.5/7 Fanless Panel PC with Intel® Celeron® N2807 Processor
1-Aug-2022
PPC-310-EHL ADVANTECH-PPC-310-EHL Datasheet
420Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3100S ADVANTECH-PPC-3100S Datasheet
444Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
PPC-312-EHL ADVANTECH-PPC-312-EHL Datasheet
441Kb / 2P
12 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3210SW ADVANTECH-PPC-3210SW Datasheet
375Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
logo
AAEON Technology
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
OMNI-3155-BT AAEON-OMNI-3155-BT Datasheet
429Kb / 2P
15” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com