Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A700 Datasheet (PDF) - Kemet Corporation

A700 Datasheet PDF - Kemet Corporation
Part # A700
Download  A700 Download
File Size   849.27 Kbytes
Page   19 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description A700 Polymer Aluminum, 2 – 35 VDC

A700 Datasheet (PDF)

Go To PDF Page Download Datasheet
A700 Datasheet PDF - Kemet Corporation

Part # A700
Download  A700 Click to download

File Size   849.27 Kbytes
Page   19 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description A700 Polymer Aluminum, 2 – 35 VDC

A700 Datasheet (HTML) - Kemet Corporation


A700 Product details

Benefits
• ESR: 4.5 – 70 mΩ
• Polymer cathode technology
• Plus performance grade with extended life up to
3,000 hours at 125°C
• High frequency capacitance retention
• Non-ignition failure mode
• 100% accelerated steady state aging
• 100% surge current tested
• Volumetric efficiency
• Self-healing mechanism
• EIA standard case sizes

Applications
Typical applications include DC/DC converters, notebook PCs, telecommunications, displays, and industrial applications.




Similar Part No. - A700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A7001AG NXP-A7001AG Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
A7001AGHN1 NXP-A7001AGHN1 Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
A7001AGHN3 NXP-A7001AGHN3 Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
logo
Kemet Corporation
A700D107M006ATE015 KEMET-A700D107M006ATE015 Datasheet
1Mb / 12P
ALUMINUM ORGANIC CAPACITORS
A700D107M006ATE015 KEMET-A700D107M006ATE015 Datasheet
1Mb / 4P
(Low ESR, Surge Robust) 10 pcs.
More results


Similar Description - A700

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700V476M006ATE018 KEMET-A700V476M006ATE018 Datasheet
1Mb / 18P
A700 Polymer Aluminum, 2 - 16 VDC
A700V477M002ATE006 KEMET-A700V477M002ATE006 Datasheet
62Kb / 1P
A700, Polymer Aluminum, 105C, 470 uF, 20%, 2 V, -55/105C
A700V477M002ATE4R5 KEMET-A700V477M002ATE4R5 Datasheet
62Kb / 1P
A700, Polymer Aluminum, 105C, 470 uF, 20%, 2 V, -55/105C
A768KE107M1VLAS036 KEMET-A768KE107M1VLAS036 Datasheet
64Kb / 1P
A768, Polymer Aluminum, 100 uF, 20%, 35 VDC, -55/125째C
A768MS337M1VLAV022 KEMET-A768MS337M1VLAV022 Datasheet
64Kb / 1P
A768, Polymer Aluminum, 330 uF, 20%, 35 VDC, -55/125째C
A768MS277M1VLAE022 KEMET-A768MS277M1VLAE022 Datasheet
64Kb / 1P
A768, Polymer Aluminum, 270 uF, 20%, 35 VDC, -55/125째C
A700V156M016ATE040 KEMET-A700V156M016ATE040 Datasheet
59Kb / 1P
A700, Polymer Aluminum, 15 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
A700V226M016ATE018 KEMET-A700V226M016ATE018 Datasheet
59Kb / 1P
A700, Polymer Aluminum, 22 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
A700V477M2R5ATE006 KEMET-A700V477M2R5ATE006 Datasheet
59Kb / 1P
A700, Polymer Aluminum, 470 uF, 20%, 2.5 VDC, -55/105째C, Height Max = 2mm
3/01/2022
A700V477M002PTE009 KEMET-A700V477M002PTE009 Datasheet
59Kb / 1P
A700, Polymer Aluminum, 470 uF, 20%, 2 VDC, -55/125째C, Height Max = 2mm
5/09/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com