Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW628 Datasheet (PDF) - Renesas Technology Corp

IW628 Datasheet PDF - Renesas Technology Corp
Part # IW628
Download  IW628 Download
File Size   426.24 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Adaptive Voltage Position Monitor

IW628 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW628 Datasheet PDF - Renesas Technology Corp

Part # IW628
Download  IW628 Click to download

File Size   426.24 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Adaptive Voltage Position Monitor

IW628 Datasheet (HTML) - Renesas Technology Corp


IW628 Product details

1.0 Features
● Fast voltage undershoot detection
● “Normally-OFF” with <100μA cut-off current during normal operation
● Wide operating voltage range from 2.5V to 15V at DRV pin
● Built-in opto-coupler LED driver with minimum driving current of 2mA
● Wide operating temperature range from -40°C to 150°C
2.0 Description
The iW628 is an adaptive voltage position monitor to detect
voltage undershoot. It can be used in Dialog’s primaryside
control systems to achieve ultra-low no-load power
consumption and fast dynamic load response. The iW628
operates at “normally-OFF” mode with negligible power
consumption during power supply normal steady state
operation, while monitoring dynamic load change through
a user-configurable voltage position sense pin. The iW628
eliminates loop compensation components at the secondary
side and it has a built-in opto-coupler LED driver to minimize
the bill of material cost.
Dialog’s innovative proprietary technology ensures that
power supplies designed with the iW628 and Dialog’s
primary-side controller can achieve less than 10mW noload
power consumption in typical 5V2A AC/DC charger/
adapter designs and less than 20mW for 12V2A designs
while maintaining fast dynamic load response.
3.0 Applications
● Precision voltage reference
● AC/DC chargers/adapters




Similar Part No. - IW628

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW620 DIALOG-IW620 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
iW620-00 DIALOG-iW620-00 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
iW620-01 DIALOG-iW620-01 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
iW620-04 DIALOG-iW620-04 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
iW620-05 DIALOG-iW620-05 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
More results


Similar Description - IW628

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5764N PANASONIC-AN5764N Datasheet
49Kb / 5P
Horizontal picture position control IC for CRT monitor
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
Adaptive Alternator Voltage Regulator
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Freescale Semiconductor...
33099 FREESCALE-33099 Datasheet
683Kb / 18P
Adaptive Alternator Voltage Regulator
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
Voltage Monitor
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
logo
Dialog Semiconductor
IW620 DIALOG-IW620 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com