Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4337 Datasheet (PDF) - Littelfuse

SP4337 Datasheet PDF - Littelfuse
Part # SP4337
Download  SP4337 Download
File Size   536.08 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 0.18pF 15KV Bidirectional TVS

SP4337 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP4337 Datasheet PDF - Littelfuse

Part # SP4337
Download  SP4337 Click to download

File Size   536.08 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 0.18pF 15KV Bidirectional TVS

SP4337 Datasheet (HTML) - Littelfuse


SP4337 Product details

Description
SP4337 is specifically designed to protect high-speed
interfaces against ElectroStatic Discharge (ESD), such
as High-Definition Multimedia Interface (HDMI) and
DisplayPort interfaces, Thunderbolt and USB 3.1 Gen 1.
The signal line is protected by a TVS diode offering low line
capacitance of 0.18 pF typical. SP4337 can safely absorb
repetitive ESD strikes up to ±15 kV contact exceeding IEC
61000-4-2, level 4 ( ±8kV contact discharge).
Excellent low capacitance, clamping capability, low
leakage, and fast response time make this parts an ideal
solution for protecting high speed data lines.

Features
• ESD, IEC 61000-4-2,
±15kV contact , ±15kV Air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, 7A (8/20 as
defined in IEC 61000-4-5
2nd edition)
• Low capacitance of
0.18pF (Typ @ VR=0V)
• Space efficient 0201
• Halogen free, lead free
and RoHS compliant

Applications
• USB 4.0
• HDMI
• DisplayPort
• Thunderbolt
• S-ATA
• 2.5G/5G/10G Ethernet




Similar Part No. - SP4337

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4337-01WTG LITTELFUSE-SP4337-01WTG Datasheet
514Kb / 5P
TVS Diode Arrays (SPA ? Diodes) Low Capacitance ESD Protection - SP4337
Revision: 03/17/21
More results


Similar Description - SP4337

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
BIDIRECTIONAL TVS ARRAY
logo
Protek Devices
PLED3631X23NB PROTEC-PLED3631X23NB Datasheet
293Kb / 3P
BIDIRECTIONAL TVS DIE
logo
Yea Shin Technology Co....
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
logo
Littelfuse
SP1001 LITTELFUSE-SP1001 Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
SP1008 LITTELFUSE-SP1008_17 Datasheet
1Mb / 4P
6pF 15kV Bidirectional Discrete TVS Protection
SP1012 LITTELFUSE-SP1012 Datasheet
905Kb / 4P
SP1012 Series 6.5pF, 15kV Bidirectional TVS Array
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com