Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7538P Datasheet (PDF) - Littelfuse

SP7538P Datasheet PDF - Littelfuse
Part # SP7538P
Download  SP7538P Download
File Size   691.15 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Low Capacitance ESD Protection

SP7538P Datasheet (PDF)

Go To PDF Page Download Datasheet
SP7538P Datasheet PDF - Littelfuse

Part # SP7538P
Download  SP7538P Click to download

File Size   691.15 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Low Capacitance ESD Protection

SP7538P Datasheet (HTML) - Littelfuse


SP7538P Product details

Description
The SP7538P integrates 8 channels of ultra low capacitance rail-torail
diodes and an additional zener diode to provide protection for
electronic equipment that may experience destructive electrostatic
discharges (ESD). This robust device can safely absorb repetitive
ESD strikes above the maximum level maximum level, ±8kV
contact discharge, as specified in the international standard IEC
61000-4-2, without performance degradation standard (±8kV
contact discharge) without performance degradation. The extremely
low loading capacitance also makes it ideal for protecting high
speed signal pins such as V-By-One, HDMI, USB3.0, USB2.0, and
IEEE 1394.

Features & Benefits
■ ESD, IEC61000-4-2, ±12kV
contact, ±25kV air
■ EFT, IEC61000-4-4, 40A
(tP=5/50ns)
■ Lightning, IEC61000-4-5 2nd
edition, 4A (tP=8/20μs)
■ Low capacitance of 0.5pF
(TYP) per I/O
■ Low leakage current of 1.5μA
(MAX) at 5V
■ Halogen free, Lead free and
RoHS compliant
■ AEC-Q101 qualified

Applications
■ V-By-One
■ Embedded DisplayPort
■ USB 2.0/3.0 Ports
■ HDMI
■ Flat Panel Displays
■ LCD/LED TVs
■ Smartphones
■ Mobile Computing




Similar Part No. - SP7538P

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP75-12DRL ASTRODYNE-SP75-12DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
SP75-13.5DRL ASTRODYNE-SP75-13.5DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
SP75-15DRL ASTRODYNE-SP75-15DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
SP75-24DRL ASTRODYNE-SP75-24DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
SP75-27DRL ASTRODYNE-SP75-27DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
More results


Similar Description - SP7538P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
Low Capacitance ESD Protection
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
Low Capacitance ESD Protection
February 9,2017-REV.00
PEC3107M1AQ PANJIT-PEC3107M1AQ Datasheet
224Kb / 5P
Low Capacitance ESD Protection
July 5,2018-REV.01
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com