Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS Datasheet (PDF) - Littelfuse

TDS Datasheet PDF - Littelfuse
Part # TDS
Download  TDS Download
File Size   347.39 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Relay Output, Single Shot Time Delay Relay

TDS Datasheet (PDF)

Go To PDF Page Download Datasheet
TDS Datasheet PDF - Littelfuse

Part # TDS
Download  TDS Click to download

File Size   347.39 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Relay Output, Single Shot Time Delay Relay

TDS Datasheet (HTML) - Littelfuse


TDS Product details

Description
The TDS series combines accurate digital circuitry with
isolated, 8 A rated, DPDT or SPDT relay contacts in an 8-pin
or 11-pin plug-in package. The TDS series features DIP
switch selectable time delays ranging from 0.1s to 10,230 s
in three ranges. The TDS series is the product of choice for
custom control panel and OEM designers.
Operation (Single Shot)
Input voltage must be applied to the input before and during
timing. Upon momentary or maintained closure of the initiate
switch (leading edge triggered), the output relay energizes
for a measured interval of time. At the end of the delay, the
output de-energizes. Opening or reclosing the initiate switch
during timing has no affect on the time delay. The output will
energize if the initiate switch is closed when input voltage is
applied.
Reset: Reset occurs when the time delay is complete and
the initiate switch is opened. Loss of input voltage resets the
time delay and output.

FEATURES BENEFITS
3 time ranges available
(0.1 s to 2.8 h)
Makes it versatile for use in many
applications
Microcontroller based Repeat Accuracy + / - 0.1 %;
Setting Accuracy + / - 2 %
LED indication
(select models) Provides visual indication of relay status
DIP switch adjustment Provides first time setting accuracy
Isolated output contacts Allows control of loads with independent
voltage sources




Similar Part No. - TDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
TDS-175-12 ETC-TDS-175-12 Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
TDS-175-12ZI ETC-TDS-175-12ZI Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
logo
Premium PSU
TDS-3300-7801 PSU-TDS-3300-7801 Datasheet
932Kb / 10P
AC Master series (TDS/TDX)
logo
List of Unclassifed Man...
TDS-40-4 ETC-TDS-40-4 Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
More results


Similar Description - TDS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SCF MACOM-SCF Datasheet
148Kb / 1P
Programmable Time Delay Relay
2-1393138-0 MACOM-2-1393138-0 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-8 MACOM-2-1393138-8 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-9 MACOM-2-1393138-9 Datasheet
51Kb / 2P
Compact Time Delay Relay
logo
M-System Co.,Ltd.
38BSH2 MSYSTEM-38BSH2 Datasheet
58Kb / 2P
ONE-SHOT OUTPUT RELAY CARD
logo
Littelfuse
TSDS LITTELFUSE-TSDS Datasheet
516Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
THDS LITTELFUSE-THDS Datasheet
399Kb / 2P
Time Delay Relays / Dedicated - Single Shot
2016 Rev: 1-A-062216
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com