Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHB1EB100K Datasheet (PDF) - Vishay Siliconix

IHB1EB100K Datasheet PDF - Vishay Siliconix
Part # IHB1EB100K
Download  IHB1EB100K Download
File Size   91.47 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Filter Inductors, High Current, Radial Leaded

IHB1EB100K Datasheet (PDF)

Go To PDF Page Download Datasheet
IHB1EB100K Datasheet PDF - Vishay Siliconix

Part # IHB1EB100K
Download  IHB1EB100K Click to download

File Size   91.47 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Filter Inductors, High Current, Radial Leaded

IHB1EB100K Datasheet (HTML) - Vishay Siliconix


IHB1EB100K Product details

FEATURES
• Printed circuit mounting
• Wide range of inductance and current ratings
• Pre-tinned leads
• Optional polyolefin tubing and printing available
at additional cost
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

MECHANICAL SPECIFICATIONS
Terminals: Extensions of the winding wire, solder coated to
within 0.063" [1.60 mm] of body
Mounting: Center hole for mechanical mounting, insulated
bushings recommended for center hole mounting




Similar Part No. - IHB1EB100K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHB1EB100K VISHAY-IHB1EB100K Datasheet
354Kb / 5P
Filter Inductors
27-Feb-06
More results


Similar Description - IHB1EB100K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHB6EB103K VISHAY-IHB6EB103K Datasheet
90Kb / 6P
Filter Inductors, High Current, Radial Leaded
13-Apr-11
IH10EB101K VISHAY-IH10EB101K Datasheet
82Kb / 4P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHD1ER470L VISHAY-IHD1ER470L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IH VISHAY-IH Datasheet
83Kb / 3P
Filter Inductors, High Current, Radial Leaded
08-Aug-14
IHA VISHAY-IHA_V01 Datasheet
89Kb / 3P
Filter Inductors, High Current, Axial Leaded
07-Aug-12
IHD VISHAY-IHD_V01 Datasheet
78Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHV VISHAY-IHV_V01 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
30-Apr-2019
TJ VISHAY-TJ Datasheet
112Kb / 8P
Inductors, Toroid, High Current, Radial Leaded
28-Nov-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com