Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHD-2 Datasheet (PDF) - Vishay Siliconix

IHD-2 Datasheet PDF - Vishay Siliconix
Part # IHD-2_V01
Download  IHD-2 Download
File Size   63.62 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Choke Coil, Axial Leaded

IHD-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IHD-2 Datasheet PDF - Vishay Siliconix

Part # IHD-2_V01
Download  IHD-2 Click to download

File Size   63.62 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Choke Coil, Axial Leaded

IHD-2 Datasheet (HTML) - Vishay Siliconix


IHD-2 Product details

FEATURES
• Printed circuit mounting (axial leads)
• Protected by polyolefin tubing
• High saturation bobbin used allowing high
inductance with low DC resistance
• Pre-tinned leads
• High resistivity core offers very high parallel resistance,
resulting in maximum coil performance
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

ELECTRICAL SPECIFICATIONS
Inductance Range: 1.0 μH to 18 000 μH
Inductance Tolerance: ± 15 %
Incremental Current: the typical current at which the
inductance will be decreased by 5 % from its initial zero DC
value
Temperature Rise: 40 °C max. at IRMS
Storage Temperature: -55 °C to +125 °C
Operating Temperature: -40 °C to +85 °C

MECHANICAL SPECIFICATIONS
Wire: enameled copper wire 2-UEW
Core: DRWW ferrite core
Lead: tinned copper wire
Tube: shrinkable tube
Varnish: #8562/C




Similar Part No. - IHD-2_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHD-2 VISHAY-IHD-2 Datasheet
71Kb / 2P
Choke Coil, Axial Leaded
24-Mar-17
More results


Similar Description - IHD-2_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHD-2 VISHAY-IHD-2 Datasheet
71Kb / 2P
Choke Coil, Axial Leaded
24-Mar-17
IHD-4 VISHAY-IHD-4 Datasheet
73Kb / 2P
Choke Coil, Axial Leaded
24-Mar-17
IHD-4 VISHAY-IHD-4_V01 Datasheet
64Kb / 2P
Choke Coil, Axial Leaded
25-Mar-2019
logo
Tokyo Coil Engineering ...
BL-F23 TCE-BL-F23 Datasheet
183Kb / 1P
Choke coil
BL-F36A TCE-BL-F36A Datasheet
187Kb / 1P
Choke coil
BL-F37 TCE-BL-F37 Datasheet
184Kb / 1P
Choke coil
BL-F38 TCE-BL-F38 Datasheet
184Kb / 1P
Choke coil
BL-F40 TCE-BL-F40 Datasheet
184Kb / 1P
Choke coil
BL-F9B TCE-BL-F9B Datasheet
182Kb / 1P
Choke coil
logo
DONG IL TECHNOLOGY LTD.
LB07097 DIT-LB07097 Datasheet
865Kb / 2P
CHOKE COIL
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com