Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD2CANFD24-Q1 Datasheet (PDF) - Texas Instruments

ESD2CANFD24-Q1 Datasheet PDF - Texas Instruments
Part # ESD2CANFD24-Q1
Download  ESD2CANFD24-Q1 Download
File Size   2146.95 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks

ESD2CANFD24-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD2CANFD24-Q1 Datasheet PDF - Texas Instruments

Part # ESD2CANFD24-Q1
Download  ESD2CANFD24-Q1 Click to download

File Size   2146.95 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks

ESD2CANFD24-Q1 Datasheet (HTML) - Texas Instruments


ESD2CANFD24-Q1 Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30-kV, ±25-kV or ±20-kV contact discharge
– ±30-kV, ±25-kV or ±20-kV air-gap discharge
• ISO 10605 (330 pF, 330 Ω) ESD protection:
– ±30-kV, ±25-kV or ±20-kV contact discharge
– ±30-kV, ±25-kV or ±20-kV air-gap discharge
• Tested in compliance to IEC 61000-4-5
• 24 V working voltage
• Bidirectional ESD protection
• 2-channel device provides complete ESD
protection with single component
• Low clamping voltage protects downstream
components
• AEC-Q101 qualified
• I/O capacitance = 3 pF, 2.5 pF, or 1.7 pF (typical)
• SOT-23 (DBZ) small, standard, common footprint
• SOT-323, SC-70 (DCK) very small, standard,
space saving, common footprint
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• Automotive in-vehicle networks:
– Controller area network (CAN)
– Controlled area network flexible data-rate
(CAN-FD)
– Low, fault tolerant CAN
– High-speed CAN
• Industrial control networks:
– DeviceNet IEC 62026-3
– CANopen – CiA 301/302-2 and EN 50325-4

3 Description
The ESD2CANxx24-Q1 is a bidirectional ESD
protection diode for Controller Area Network (CAN)
interface protection. The ESD2CANxx24-Q1 is rated
to dissipate contact ESD strikes beyond the maximum
level specified in the ISO 10605 automotive standard
(±30-kV Contact, ±30-kV Airgap). The low dynamic
resistance and low clamping voltage enables system
level protection against transient events. This
protection is key as automotive systems require a
high level of robustness and reliability for safety
applications.
This device features a low IO capacitance per
channel and a pin-out to suit two automotive CAN
bus lines (CANH and CANL) from the damage
caused by ElectroStatic Discharge (ESD) and other
transients. Additionally, the 3 pF (typical) or less line
capacitance of the ESD2CANxx24-Q1 is suitable for
CAN, CANFD, CAN SiC, and CAN-XL applications
that can support data rates up to 10 Mbps.
The ESD2CANxx24-Q1 is offered in two leaded
packages for easy flow through routing.




Similar Part No. - ESD2CANFD24-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD2CANFD24-Q1 TI-ESD2CANFD24-Q1 Datasheet
1Mb / 25P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED SEPTEMBER 2022
More results


Similar Description - ESD2CANFD24-Q1

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
PESD27V PROTEC-PESD27V Datasheet
475Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Texas Instruments
ESD2CAN24-Q1 TI-ESD2CAN24-Q1 Datasheet
1Mb / 22P
ESD2CAN24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
JUNE 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V01 Datasheet
1Mb / 25P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V01 Datasheet
1Mb / 25P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD2CANFD24 TI-ESD2CANFD24 Datasheet
1Mb / 14P
ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
NOVEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V02 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
logo
Nexperia B.V. All right...
PESD2CANFD24VU-Q NEXPERIA-PESD2CANFD24VU-Q Datasheet
287Kb / 12P
ESD protection for in-vehicle networks
7 September 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com