Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK0483PAP/EM Datasheet (PDF) - Texas Instruments

LMK0483PAP/EM Datasheet PDF - Texas Instruments
Part # LMK0483PAP/EM
Download  LMK0483PAP/EM Download
File Size   3052.56 Kbytes
Page   102 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner

LMK0483PAP/EM Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK0483PAP/EM Datasheet PDF - Texas Instruments

Part # LMK0483PAP/EM
Download  LMK0483PAP/EM Click to download

File Size   3052.56 Kbytes
Page   102 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner

LMK0483PAP/EM Datasheet (HTML) - Texas Instruments


LMK0483PAP/EM Product details

1 Features
• VID#: V62/22612
– Total ionizing dose 30 krad (ELDRS-free)
– SEL immune >43 MeV × cm2/mg
– SEFI immune >43 MeV × cm2/mg
• Ambient temperature range: –55°C to 125°C
• Maximum clock output frequency: 3255 MHz
• Multi-mode: dual PLL, single PLL, and clock
distribution
• 6-GHz external VCO or distribution input
• Ultra-low noise, at 2500 MHz:
– 54-fs RMS jitter (12 kHz to 20 MHz)
– 64-fs RMS jitter (100 Hz to 20 MHz)
– –157.6-dBc/Hz noise floor
• Ultra-low noise, at 3200 MHz:
– 61-fs RMS jitter (12 kHz to 20 MHz)
– 67-fs RMS jitter (100 Hz to 100 MHz)
– –156.5-dBc/Hz noise floor
• PLL2
– PLL FOM of –230 dBc/Hz
– PLL 1/f of –128 dBc/Hz
– Phase detector rate up to 320 MHz
– Two integrated VCOs: 2440 to 2600 MHz
and 2945 to 3255 MHz
• Up to 14 differential device clocks
– CML, LVPECL, LCPECL, HSDS, LVDS, and
2xLVCMOS programmable outputs
• Up to 1 buffered VCXO/XO output
– LVPECL, LVDS, 2xLVCMOS programmable
• 1-1023 CLKOUT divider
• 1-8191 SYSREF divider
• 25-ps step analog delay for SYSREF clocks
• Digital delay and dynamic digital delay for device
clocks and SYSREF
• Holdover mode with PLL1
• 0-delay with PLL1 or PLL2
• High Reliability
– Controlled Baseline
– One Assembly/Test Site
– One Fabrication Site
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability

2 Applications
• Communications payloads
• Radar imaging payload
• Command and data handling

3 Description
The LMK04832-SEP is a high performance clock
conditioner with JEDEC JESD204B/C support for
space applications.
The 14 clock outputs from PLL2 can be configured
to drive seven JESD204B/C converters or other logic
devices using device and SYSREF clocks. SYSREF
can be provided using both DC and AC coupling.
Not limited to JESD204B/C applications, each of the
14 outputs can be individually configured as highperformance
outputs for traditional clocking systems.
This device can be configured for operation in dual
PLL, single PLL, or clock distribution modes with or
without SYSREF generation or reclocking. PLL2 may
operate with either internal or external VCO.
The high performance combined with features like the
ability to trade off between power and performance,
dual VCOs, dynamic digital delay, and holdover allows
to provide flexible high performance clocking trees.




Similar Part No. - LMK0483PAP/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04832 TI-LMK04832 Datasheet
2Mb / 99P
LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832 TI-LMK04832 Datasheet
2Mb / 98P
LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832-SEP TI-LMK04832-SEP Datasheet
3Mb / 103P
LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
OCTOBER 2022
LMK04832-SP TI-LMK04832-SP Datasheet
2Mb / 99P
LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
More results


Similar Description - LMK0483PAP/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04832-SP TI-LMK04832-SP Datasheet
2Mb / 99P
LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832-SP TI-LMK04832-SP_V01 Datasheet
2Mb / 98P
LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832-SEP TI-LMK04832-SEP Datasheet
3Mb / 103P
LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
OCTOBER 2022
LMK04368-EP TI-LMK04368-EP Datasheet
2Mb / 110P
LMK04368-EP Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
MAY 2023
LMK04714-Q1 TI-LMK04714-Q1 Datasheet
3Mb / 116P
LMK04714-Q1 Automotive Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com