Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LSF0108-Q1 Datasheet PDF - Texas Instruments
Part # LSF0108-Q1
Download  LSF0108-Q1 Download
File Size   1442.77 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator

LSF0108-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSF0108-Q1 Datasheet PDF - Texas Instruments

Part # LSF0108-Q1
Download  LSF0108-Q1 Click to download

File Size   1442.77 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator

LSF0108-Q1 Datasheet (HTML) - Texas Instruments


LSF0108-Q1 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device HBM ESD classification level 2000-V
– Device CDM ESD classification level 1000-V
• Available in wettable flank VQFN (RKS) package
• Provides bidirectional voltage translation with no
direction pin
• Supports up to 100 MHz up translation and
greater than 100 MHz down translation at ≤ 30-pF
capacitive load and up to 40 MHz up or down
translation at 50-pF capacitive load
• Supports hot insertion
• Allow bidirectional voltage level translation
between
– 0.95 V ↔ 1.8 V, 2.5 V, 3.3 V, 5 V
– 1.2 V ↔ 1.8 V, 2.5 V, 3.3 V, 5 V
– 1.8 V ↔ 2.5 V, 3.3 V, 5 V
– 2.5 V ↔ 3.3 V, 5 V
– 3.3 V ↔ 5 V
• Low standby current
• 5-V tolerance I/O port to support TTL
• Low ron provides less signal distortion
• High-impedance I/O pins for EN = low
• Flow-through pinout for easy PCB trace routing
• Latch-up performance exceeds 100 mA per JESD
17
• –40°C to +125°C operating temperature range

2 Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C,
and other interfaces in telecom infrastructure
• Infotainment and cluster
• Body electronics and lighting
• Hybrid, electric, and powertrain systems
• Passive safety
• ADAS

3 Description
• Supports up to 100 MHz up translation and greater
than 100 MHz down translation at ≦ 30 pF cap
load and up to 40 MHz up and down translation at
50 pF capacitive load:
– Allows the LSF family to support more
consumer or telecom interfaces (MDIO or
SDIO)
• Bidirectional voltage translation without DIR pin:
– Minimizes system effort to develop voltage
translation for bidirectional interface (PMBus,
I2C, or SMbus)
• 5 V tolerance on IO port and 125°C support:
– With 5 V tolerance and 125°C support, the LSF
family is flexible and compliant with TTL levels
in industrial and telecom applications
• Channel specific translation:
– The LSF family is able to set up different
voltage translation levels on each channel




Similar Part No. - LSF0108-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
2Mb / 40P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
LSF0108-Q1 TI-LSF0108-Q1 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0108-Q1 TI-LSF0108-Q1 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0108-Q1 TI-LSF0108-Q1 Datasheet
1Mb / 35P
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
REVISED APRIL 2023
More results


Similar Description - LSF0108-Q1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT01 SUTEX-HT01 Datasheet
93Kb / 4P
8 - Channel Logic To High-Voltage Level Translator
logo
Analog Devices
ADG3123 AD-ADG3123 Datasheet
276Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
5/06-Rev. 0 to Rev. A
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Analog Devices
ADG3123 AD-ADG3123_V01 Datasheet
232Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
logo
Texas Instruments
LSF0108-Q1 TI-LSF0108-Q1_V02 Datasheet
1Mb / 35P
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
REVISED APRIL 2023
logo
Nexperia B.V. All right...
LSF0108 NEXPERIA-LSF0108 Datasheet
204Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 18 September 2019
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com