Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet (PDF) - Texas Instruments

TMUX7436F Datasheet PDF - Texas Instruments
Part # TMUX7436F
Download  TMUX7436F Download
File Size   2946.09 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic

TMUX7436F Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX7436F Datasheet PDF - Texas Instruments

Part # TMUX7436F
Download  TMUX7436F Click to download

File Size   2946.09 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic

TMUX7436F Datasheet (HTML) - Texas Instruments


TMUX7436F Product details

1 Features
• Wide supply voltage range:
– Single supply: 8 V to 44 V
– Dual supply: ±5 V to ±22 V
• Integrated fault protection:
– Overvoltage protection, source to supplies or
source to drain: ±85 V
– Overvoltage protection: ±60 V
– Powered-off protection: ±60 V
– Interrupt flags to indicate fault status
– Output open circuited during fault
• Latch-up immunity by device construction
• 6 kV human body model (HBM) ESD rating
• Low On-Resistance: 8.6 Ω typical
• Flat On-Resistance: 10 mΩ typical
• 1.8-V Logic capable
• Failsafe logic: up to 44 V independent of supply
• Industry-standard TSSOP and smaller WQFN
packages

2 Applications
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test equipment
• Battery test equipment
• Servo drive control module
• Data acquisition systems (DAQ)

3 Description
The TMUX7436F is a complementary metal-oxide
semiconductor (CMOS) analog multiplexer with latchup
immunity in a dual channel, 2:1 configuration. The
device works well with dual supplies (±5 V to ±22 V),
a single supply (8 V to 44 V), or asymmetric supplies
(such as VDD = 12 V, VSS = –5 V). The overvoltage
protection is available in powered and powered-off
conditions, making the TMUX7436F device suitable
for applications where power supply sequencing
cannot be precisely controlled.
The device blocks fault voltages up to +60 V or
−60 V relative to ground in powered and powered-off
conditions. When no power supplies are present, the
switch channels remain in the OFF state regardless of
switch input conditions, and any control signal present
on the logic pins is ignored. If the signal path input
voltage on any Sx pin exceeds the supply voltage
(VDD or VSS) by a threshold voltage (VT), then the
channel turns OFF and the Sx pin becomes high
impedance. The drain pin (Dx) is either pulled to the
fault supply voltage that was exceeded or left floating
depending on the DR control logic. The TMUX7436F
device provides two active-low interrupt flags (FF and
SF) to provide details of the fault and help system
diagnostics. The FF flag indicates if any of the source
inputs are experiencing a fault condition, while the
SF flag is used to decode which specific inputs are
experiencing a fault condition.




Similar Part No. - TMUX7436F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7436F TI-TMUX7436F Datasheet
1Mb / 47P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
OCTOBER 2022
TMUX7436F TI-TMUX7436F Datasheet
2Mb / 48P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7436F TI2-TMUX7436F Datasheet
2Mb / 50P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7436FPWR TI2-TMUX7436FPWR Datasheet
2Mb / 50P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7436FPWR.B TI2-TMUX7436FPWR.B Datasheet
2Mb / 50P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
More results


Similar Description - TMUX7436F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX7308F TI-TMUX7308F_V02 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7308F TI-TMUX7308F_V03 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 59P
TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
MARCH 2022
TMUX7436F TI-TMUX7436F Datasheet
1Mb / 47P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
OCTOBER 2022
TMUX7411F TI-TMUX7411F_V02 Datasheet
2Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7348F TI-TMUX7348F_V01 Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7436F TI-TMUX7436F_V01 Datasheet
2Mb / 48P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7308F TI1-TMUX7308F_V04 Datasheet
1Mb / 54P
TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED JULY 2023
TMUX7348F TI1-TMUX7348F_V02 Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com