Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82901 Datasheet (PDF) - Texas Instruments

TPSM82901 Datasheet PDF - Texas Instruments
Part # TPSM82901
Download  TPSM82901 Download
File Size   4581.26 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM82901, 1-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor

TPSM82901 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM82901 Datasheet PDF - Texas Instruments

Part # TPSM82901
Download  TPSM82901 Click to download

File Size   4581.26 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM82901, 1-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor

TPSM82901 Datasheet (HTML) - Texas Instruments


TPSM82901 Product details

1 Features
• High efficiency for wide duty cycle and load range
– IQ: 4-μA typical
– 62-mΩ high-side and 22-mΩ low-side RDS(ON)
• 3-mm × 2.8-mm × 1.6-mm MicroSiP™ package
• Up to 1-A continuous output current
• ±0.9% feedback voltage accuracy across temp
(–40°C to 125°C)
• Configurable output voltage options:
– VFB external divider: 0.6 V to 5.5 V
– VSET internal divider: 16 options between 0.4 V
and 5.5 V
• DCS-Control topology with 100% mode
• Flexibility through MODE/S-CONF pin
– 2.5-MHz or 1.0-MHz switching frequency
– Forced PWM or auto (PFM) power save mode
with dynamic mode change option
– Automatic efficiency enhancement (AEE)
– Output discharge on/off
• Highly flexible and easy to use
– Optimized pinout for single-layer routing
– Precise enable input
– Power-good output
– Adjustable soft start and tracking
• No external bootstrap capacitor required
• Create a custom design using the TPSM82901
using the WEBENCH® Power Designer

2 Applications
• Data center and enterprise computing
• Wired networking
• Wireless infrastructure
• Factory automation and control
• Test and measurement

3 Description
The TPSM82901 is a highly efficient, small, and
flexible synchronous step-down DC-DC converter
MicroSiP package module that is easy to use. A
selectable switching frequency of 2.5 MHz or 1.0 MHz
allows the use of small components and provides fast
transient response. The device supports high VOUT
accuracy of ± 1% with the DCS-Control topology. The
wide input voltage range of 3 V to 17 V supports a
variety of nominal inputs, like 12-V supply rails, singlecell
or multi-cell Li-Ion, and 5-V or 3.3-V rails.
The TPSM82901 can automatically enter power save
mode (if auto PFM/PWM is selected) at light loads to
maintain high efficiency. Additionally, to provide high
efficiency at very small loads, the device has a low
typical quiescent current of 4 μA. AEE, if enabled,
provides high efficiency across VIN, VOUT, and load
current. The device includes a MODE/Smart-CONF
input to set the internal/external divider, switching
frequency, output voltage discharge, and automatic
power save mode or forced PWM operation.
The device is available in small 11-pin MicroSiP
package measuring 3.0 mm × 2.8 mm × 1.6 mm with
an integrated 1-μH inductor.




Similar Part No. - TPSM82901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82901EVM TI-TPSM82901EVM Datasheet
813Kb / 14P
TPSM8290x Step-Down Converter Evaluation Module
MARCH 2022
TPSM82901SISR TI-TPSM82901SISR Datasheet
813Kb / 14P
TPSM8290x Step-Down Converter Evaluation Module
MARCH 2022
More results


Similar Description - TPSM82901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62901 TI-TPS62901 Datasheet
6Mb / 50P
TPS62901, 3-V to 17-V, High Efficiency and Low IQ Buck Converter in 1.5-mm 횞 2-mm QFN Package
TPS629210-Q1 TI-TPS629210-Q1 Datasheet
1Mb / 32P
TPS629210-Q1 3-V to 17-V, 1-A Low IQ Buck Converter in SOT583 Package
TPS629210 TI-TPS629210 Datasheet
1Mb / 32P
TPS629210 3-V to 17-V, 1-A Low IQ Buck Converter in SOT583 Package
SEPTEMBER 2021
TPS629210-Q1 TI-TPS629210-Q1_V01 Datasheet
4Mb / 51P
TPS629210-Q1 3-V to 17-V, 1-A Low IQ Buck Converter in a SOT-583 Package
DECEMBER 2021
TPS629210 TI-TPS629210_V01 Datasheet
4Mb / 51P
TPS629210 3-V to 17-V, 1-A Low IQ Buck Converter in SOT-583 Package
JANUARY 2022
TPSM82903 TI-TPSM82903 Datasheet
4Mb / 42P
TPSM82903, 3-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
FEBRUARY 2022
TPS629210E TI-TPS629210E Datasheet
4Mb / 50P
TPS629210E 1-A, 3-V to 17-V, ??5째C to 150째C Low IQ Buck Converter
MARCH 2022
TPSM82903 TI-TPSM82903_V01 Datasheet
4Mb / 41P
TPSM82903, 3-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
REVISED NOVEMBER 2022
TPSM82902 TI-TPSM82902 Datasheet
4Mb / 43P
TPSM82902, 2-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
NOVEMBER 2022
TPS629210-Q1 TI-TPS629210-Q1_V02 Datasheet
3Mb / 55P
TPS629210-Q1 1-A, 3-V to 17-V Automotive Low IQ Buck Converter
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com