Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4737 Datasheet (PDF) - OSRAM GmbH

SFH-4737 Datasheet PDF - OSRAM GmbH
Part # SFH-4737
Download  SFH-4737 Download
File Size   1461.76 Kbytes
Page   18 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR Broadband Emitter

SFH-4737 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH-4737 Datasheet PDF - OSRAM GmbH

Part # SFH-4737
Download  SFH-4737 Click to download

File Size   1461.76 Kbytes
Page   18 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR Broadband Emitter

SFH-4737 Datasheet (HTML) - OSRAM GmbH


SFH-4737 Product details

Applications
- Infrared Spectroscopy

Features
- Package: diffuse silicone
- Corrosion Robustness Class: 3B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Spectral range of emission: (typ) 650 ... 1050 nm
- Wide viewing angle of 130°
- Small outline dimensions





Similar Part No. - SFH-4737

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4730 OSRAM-SFH-4730 Datasheet
229Kb / 7P
Ostar Observation
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
SMD epoxy package
More results


Similar Description - SFH-4737

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8120A ETC2-QBED8120A Datasheet
582Kb / 6P
5mm IR emitter
QBED8130 ETC2-QBED8130 Datasheet
582Kb / 6P
5mm IR emitter
QBED8145 ETC2-QBED8145 Datasheet
587Kb / 6P
5mm IR emitter
QBED8220 ETC2-QBED8220 Datasheet
406Kb / 7P
5mm IR emitter
QBED8220A ETC2-QBED8220A Datasheet
406Kb / 7P
5mm IR emitter
QBED8240 ETC2-QBED8240 Datasheet
620Kb / 7P
5mm IR emitter
QBED8330 ETC2-QBED8330 Datasheet
562Kb / 8P
5mm IR emitter
QBED9330 ETC2-QBED9330 Datasheet
508Kb / 7P
5mm IR emitter
QBED8240 ETC1-QBED8240 Datasheet
620Kb / 7P
5mm IR emitter
logo
Advanced Photonix, Inc.
SLED-56-16639 ADVANCEDPHOTONIX-SLED-56-16639 Datasheet
95Kb / 1P
IR Side Emitter
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com