Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4056 Datasheet (PDF) - List of Unclassifed Manufacturers

TP4056 Datasheet PDF - List of Unclassifed Manufacturers
Part # TP4056
Download  TP4056 Download
File Size   48.32 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 1A Standalone Linear Li-lon Battery Charger with Thermal Regulation in SOP-8

TP4056 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP4056 Datasheet PDF - List of Unclassifed Manufacturers

Part # TP4056
Download  TP4056 Click to download

File Size   48.32 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 1A Standalone Linear Li-lon Battery Charger with Thermal Regulation in SOP-8

TP4056 Datasheet (HTML) - List of Unclassifed Manufacturers


TP4056 Product details

1. DESCRIPTION
The TP4056 is a complete constant-current/constant-voltage linear charger for single cell
lithium-ion batteries. Its SOP package and low external component count make the TP4056
ideally suited for portable applications. Furthermore, the TP4056 can work within USB and wall
adapter.
No blocking diode is required due to the internal PMOSFET architecture and have prevent to
negative Charge Current Circuit. Thermal feedback regulates the charge current to limit the die
temperature during high power operation or high ambient temperature. The charge voltage is
fixed at 4.2V, and the charge current can be programmed externally with a single resistor. The
TP4056 automatically terminates the charge cycle when the charge current drops to 1/10th the
programmed value after the final float voltage is reached.
TP4056 Other features include current monitor, under voltage lockout, automatic recharge and
two status pin to indicate charge termination and the presence of an input voltage.
2. FEATURES
· Programmable Charge Current Up to
1000mA
·No MOSFET, Sense Resistor or Blocking
Diode Required
· Complete Linear Charger in SOP-8
Package for Single Cell Lithium-Ion
Batteries
·Constant-Current/Constant-Voltage
·Charges Single Cell Li-Ion Batteries Directly from USB Port
·Preset 4.2V Charge Voltage with 1.5% Accuracy
·Automatic Recharge
·two Charge Status Output Pins
·C/10 Charge Termination
·2.9V Trickle Charge Threshold (TP4056)
·Soft-Start Limits Inrush Current
·Available Radiator in 8-Lead SOP Package,
the Radiator need connect GND or impending




Similar Part No. - TP4056

ManufacturerPart #DatasheetDescription
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
Shenzhen Tianyuan Semic...
TP4056 TPOWER-TP4056 Datasheet
434Kb / 7P
1A lithium battery charger
logo
Guangdong Youtai Semico...
TP4056 UMW-TP4056 Datasheet
878Kb / 12P
1A linear lithium-ion battery charger
logo
Billiton Ltd.
TP4056X ASIC-TP4056X Datasheet
978Kb / 17P
1 A linear lithium ion battery charger
More results


Similar Description - TP4056

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
1A Standalone Linear Li-lon Battery Charger
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
First Silicon Co., Ltd
FC9054 FS-FC9054 Datasheet
764Kb / 8P
0.8A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com